Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS36-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # SS36-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SS36-HF Datasheet(HTML) 2 Page - Comchip Technology

  SS36-HF Datasheet HTML 1Page - Comchip Technology SS36-HF Datasheet HTML 2Page - Comchip Technology SS36-HF Datasheet HTML 3Page - Comchip Technology SS36-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (SS34-HF Thru. SS320-HF)
Comchip Technology CO., LTD.
Page 2
SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
SP-JB016
0.1
0
0.4
1.4
Fig.3 - Typical Forward Characteristic
Instantaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
40V
60V
100V
150V/200V
20
Fig.2 - Typical Reverse Characteristics
20
40
60
80
0
T =25
J
°C
T =100
J
°C
Percent of Rated Peak Reverse Voltage
(%)
100
10 0
10 1
10 2
10 3
10 4
T =75
J
°C
40V-60V
100V-200V
0.6
1.2
1.8
2.4
3.0
3.5
0.0
25
50
75
100
125
150
Fig.1 - Forward Current Derating Curve
0.01
100
1
10
100
Fig.5 - Typical Transient Thermal Impedance
t, Pulse Duration
(sec)
0.1
1
10
Case Temperature (
°C)
Fig.4 - Typical Junction Capacitance
Reverse Voltage (V)
10
0.1
10
100
500
20
100
1
1000
T =25
J
°C
200
SS32F~SS36F
SS38F~SS320F
10
0.1
10
100
500
20
100
1
1000
T =25
J
°C
200
40V~60V
100V~200V
Single phase half-wave 60 Hz
resistive or inductive load
10
100
Fig.5 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com