Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC196EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC196EVB
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC196EVB Datasheet HTML 4Page - Semtech Corporation SC196EVB Datasheet HTML 5Page - Semtech Corporation SC196EVB Datasheet HTML 6Page - Semtech Corporation SC196EVB Datasheet HTML 7Page - Semtech Corporation SC196EVB Datasheet HTML 8Page - Semtech Corporation SC196EVB Datasheet HTML 9Page - Semtech Corporation SC196EVB Datasheet HTML 10Page - Semtech Corporation SC196EVB Datasheet HTML 11Page - Semtech Corporation SC196EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
if the output voltage decreases by more than 60% of its
programmed value, a soft-start will be invoked.
Current Limit
The PMOS and NMOS power devices of the buck switcher
stage are protected by current limit functions. In the
case of a short to ground on the output, the part enters
frequency foldback mode, which causes the switching
frequency to divide by a factor determined by the output
voltage. This prevents the inductor current from "stair-
casing".
Over-Voltage Protection
Over-voltage protection is provided on the SC196. In the
event of an over-voltage on the output, the PWM drive is
disabled, effectively tri-stating the LX output. The part will
not resume switching until the output voltage has fallen
2% below the regulation voltage.
Soft-Start
The soft-start mode is enabled after every shutdown
cycle to limit in-rush current. In conjunction with the
frequency foldback, this controls the maximum current
during start-up. The PMOS current limit is stepped up
through seven soft-start levels to the full value by a timer
driven from the internal oscillator. During soft-start, the
switching frequency is stepped through 1/8, 1/4, 1/2
and full internal oscillator frequency. The time at which
these steps are made is controlled by the output voltage
reaching predefined threshold levels. When the output
voltage is within 2% of the regulation voltage, soft-start
mode is disabled.
Power Save Mode Operation
The PSAVE mode may be selected by tying the SYNC/PWM
pin to GND. Selecting PSAVE mode will enable the SC196
to automatically activate/deactivate operation at light
loads, maximizing efficiency across the full load range.
The SC196 automatically detects the load current at which
it should enter PSAVE mode. The SC196 is optimized to
track maximum efficiency with respect to V
IN.
In PSAVE mode, V
OUT is driven from a lower level to an
upper level by a switching burst. Once the upper level has
been reached, the switching is stopped and the quiescent
current is reduced. V
OUT falls from the upper to lower levels
in this low current state as the load current discharges
the output capacitor. The burst-to-off period in PSAVE will
decrease as the load current reduces.
The PSAVE switching burst frequency is controlled so that
the inductor current ripple is similar to that in PWM mode.
The minimum switching frequency during this period is
limited to 650kHz.
The SC196 automatically detects when to exit PSAVE
mode by monitoring V
OUT . For the SC196 to exit PSAVE
mode, the load must be increased, causing V
OUT to
decrease until the power save exit threshold is reached.
PSAVE levels are set high to minimize the undershoot
when exiting PSAVE. The lower PSAVE comparator level
is set +0.7% above V
OUT, and the upper comparator level
at +1.5% above V
OUT, with the exit threshold at -2% below
V
OUT.
If PSAVE operation is required, then a 22μF output
capacitor must be used.
Figure 1 — Power Save Operation
VOUT
0.7%
1.5%
PSAVE Mode at Light Load
PWM Mode at Medium/
High Load
-2%
BURST
OFF
Higher Load
Applied
0 A
Inductor Current
Time
100% Duty Cycle Operation
The 100% duty cycle mode may be selected by connecting
the MODE pin high. This will allow the SC196 to maintain
output regulation under conditions of low input voltage/
high output voltage conditions.
In 100% duty cycle operation, as the input supply drops
toward the output voltage, the PMOS on-time increases
linearly above the maximum value in fixed-frequency
operation until the PMOS is active continuously. Once
Applications Information (Cont.)
8
© 2007 Semtech Corp.
www.semtech.com
SC196
PRELIMINARY
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com