Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB365 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SMB365
Description  Three-axis accelerometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB365 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SMB365 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 14Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 15Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 16Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 17Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 18Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 19Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 20Page - List of Unclassifed Manufacturers SMB365 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Preliminary Datasheet
SMB365
Three-axis accelerometer
Bosch Sensortec
6.2
Marking
41003
YYWW
XXXXX
ZZZZZZ
ASIC lot number
product part number
date code
sensor lot number
pin 1 identifier
Engineering Samples are marked with the following symbol: *
6.3
Moisture Sensitivity Level and Soldering
The moisture sensitivity level of the SMB365 sensors corresponds to JEDEC Level 3, see also
-
IPC/JEDEC J-STD-020C "Joint Industry Standard: Moisture/Reflow Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices"
-
IPC/JEDEC J-STD-033A "Joint Industry Standard: Handling, Packing, Shipping and Use of
Moisture/Reflow Sensitive Surface Mount Devices".
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC standard, i.e.
reflow soldering with a peak temperature up to 260°C.
6.4
RoHS Compliancy
The SMB365 sensor meets the requirements of the EC restriction of hazardous substances (RoHS)
directive, see also
"Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment".
Rev. 1.2
Page 19
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as
copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
7211RB11
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com