Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC192EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC192EVB
Description  Synchronous Buck Converter with Integrated Power Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC192EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC192EVB Datasheet HTML 1Page - Semtech Corporation SC192EVB Datasheet HTML 2Page - Semtech Corporation SC192EVB Datasheet HTML 3Page - Semtech Corporation SC192EVB Datasheet HTML 4Page - Semtech Corporation SC192EVB Datasheet HTML 5Page - Semtech Corporation SC192EVB Datasheet HTML 6Page - Semtech Corporation SC192EVB Datasheet HTML 7Page - Semtech Corporation SC192EVB Datasheet HTML 8Page - Semtech Corporation SC192EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.semtech.com
SC192
Synchronous Buck Converter
with Integrated Power Devices
POWER MANAGEMENT
Revision 8, March 26, 2007
Description
Features
Typical Application Circuit
Applications
The SC192 is a synchronous step-down converter with
integrated power devices designed for battery operated
systems. The internal power switches reduce system
size and cost. In addition, an efficiency of 95% can be
achieved for significant line and load ranges. The SC192
is designed for single-cell Li-Ion battery applications, but
also performs well in fixed 3.3V or 5V input circuits.
The SC192 has a flexible clocking scheme. It can be
synchronized to an external oscillator, fixed to the inter-
nal oscillator, or allowed to modulate the frequency dur-
ing light loads (PSAVE) for maximum battery life, by the
method called pulse frequency modulation (PFM). Shut-
down places the switches in a high impedance state and
turns off all control circuitry to achieve a typical quies-
cent current of 0.1μA.
Line and load regulation is to +/-0.5% of the output volt-
age. The internal MOSFET switches provide >1A peak
current to provide a DC output of at least 700mA.
Grounding the ILIM pin reduces the current limit by half.
The SC192 can achieve 100% duty cycle for excellent
low dropout performance and comes in a tiny MLPD-10,
3 x 3 package having a maximum height of 1mm.
2.7V to 7V Input Range
Output Adjustable from 0.75V to Vin
Fixed Frequency or PSAVE for Maximum
Efficiency Over Wide Load Current Range
700mA Guaranteed Output Current
No Schottky Diode Required
35μA Quiescent Current
100% Duty Cycle in Dropout
95% Efficiency
Fast Transient Response
Over Temperature Protection
Space-saving Micro Lead-Frame Package
MLPD-10 3x3
Cell Phones
Cordless Phones
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
1 Li-Ion or 3 NiMH/NiCd Powered Devices
VIN
EN
ILIM
BP
GND
COMP
SYNC/PWM
PGND
ADJ
LX
SC192
Vin = 2.7V to 7V
C1
C3
L1
C5
R1
R2
C6
R8
C4
Vout = 0.75V to Vin
1
8
6
2
34
7
10
5
9


Similar Part No. - SC192EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC19-1 ETC2-SC19-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
Synchronous Buck Converter with Programmable Output
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
More results

Similar Description - SC192EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC194A SEMTECH-SC194A Datasheet
777Kb / 17P
1A Synchronous Buck Converter with Integrated Power Devices
SC196 SEMTECH-SC196 Datasheet
657Kb / 18P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A Datasheet
558Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
SC196A SEMTECH-SC196A_08 Datasheet
421Kb / 17P
1.5A Synchronous Buck Converter with Integrated Power Devices
logo
Rohm
BD8961NV ROHM-BD8961NV_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD8964FVM ROHM-BD8964FVM_15 Datasheet
795Kb / 25P
Synchronous Buck Converter with Integrated FET
BD8967FVM ROHM-BD8967FVM_15 Datasheet
745Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
Synchronous Buck Converter with Integrated FET
BD9328EFJ ROHM-BD9328EFJ_15 Datasheet
1Mb / 23P
Synchronous Buck Converter with Integrated FET
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
Synchronous Buck Converter with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com