Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1116 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1116 Datasheet HTML 1Page - Semtech Corporation SC1116 Datasheet HTML 2Page - Semtech Corporation SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1116
Linear FET Controller
For DDR Supplies
Features
Revision: March 28, 2007
Description
The SC1116 is a low cost controller for low power
linear DDR power supplies.
The SC1116 comes in a space saving SOT-23 6 pin
package.
The SC1116 provides a dual gate drive for the top serial
and bottom parallel MOSFETs with internal shoot through
protection.
The wide range of input voltages (3V to 15V) allows the
chip to work in many various applications.
The variable output voltage is programmable from the
outside with an input divider or an external reference.
Wide range of V
DDQ, down to 0.5V
DDR supplies
SCSI
Line termination
Source / Sink LDOs
User can select FETs to optimize system current
rating/dropout/cost
Low V
DDQ, 0.5V to 2.5V
-40°C to +85°C operating temperature
External compensation capable for low ESR loads
Minimum external components
0.6 mA Quiescent current
Guaranteed no shoot through
SOT-23 6L small package. Fully WEEE and RoHS
compliant
Typical Application Circuit
Applications
Notes:
(1) Values used for optional compensation are 1K and 4.7nF typical.
(2) When using 3V as Vcc, use of low threshold FETs is a must.
REF
3
DRVL
4
VCC
1
FB
5
GND
2
DRVH
6
U1
SC1116
0.1uF
0.1uF
typ
4.7nF
typ
4.7nF
typ
47uF
R1
1k 0.5%
R2
1k 0.5%
typ
1k
typ
1k
Q1
MOS FET N
Q2
MOS FET N
VDDQ=2.5Vtyp
Vcc=3 to 15V
VTT=1.25Vtyp
GND


Similar Part No. - SC1116

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC111 SEMTECH-SC111 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC111 SEMTECH-SC111 Datasheet
127Kb / 4P
0.8AMP POSITIVE VOLTAGE REGULATOR
logo
VITALCONN ELECTRONICS H...
SC111 VITALCONN-SC111 Datasheet
192Kb / 2P
SFP1*1 CONN
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC1110CSTR SEMTECH-SC1110CSTR Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
More results

Similar Description - SC1116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
Linear Fet Controller
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
California Micro Device...
CM3121 CALMIRCO-CM3121 Datasheet
219Kb / 11P
Dual Linear Voltage Regulator for DDR-I and DDR-II Memory
logo
Semtech Corporation
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
Linear FET Controller
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
8-Pin N-FET Linear Regulator Controller
SC339 SEMTECH-SC339 Datasheet
733Kb / 15P
Ultra Low Output Voltage Linear FET Controller
logo
Texas Instruments
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
UCC1837 TI1-UCC1837_16 Datasheet
733Kb / 14P
8-Pin N-FET Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com