Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2595 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2595 Datasheet HTML 1Page - Semtech Corporation SC2595 Datasheet HTML 2Page - Semtech Corporation SC2595 Datasheet HTML 3Page - Semtech Corporation SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
www.semtech.com
SC2595
Integrated Linear DDR
Termination Regulator
POWER MANAGEMENT
Revision: June 12, 2007
Typical Application Circuit
The SC2595 is an integrated linear DDR termination
device, which provides a complete solution for DDR
termination designs; while meeting the JEDEC require-
ments of SSTL-2 specifications for DDR-SDRAM termi-
nation.
The SC2595 can source and sink 1.5A current at the
output V
TT while maintaining excellent load regulation.
V
TT is designed to track the VREF voltage with a tight
tolerance over the entire current range while preventing
shoot through on the output stage.
A V
SENSE pin is incorporated to provide excellent load
regulation, along with a buffered reference voltage.
The SC2595 incorporates a disable function built into
the AV
CC pin to tri-state the output during Suspend To
Ram (STR) states.
(Multiple patents pending.)
DDR memory termination
High speed data line termination
PC motherboards
Graphics boards
Disk drives
CD-ROM drives
Regulates while sourcing or sinking 1.5A
AV
CC range is from 2.5V to 5V
Reference output
Minimum number of external components
Accurate internal voltage divider
SOIC-8L EDP package. Also available in Lead-free
package, fully WEEE and RoHS compliant
Description
Features
Applications
SC2595
NC
1
GND
2
VSENSE
3
VREF
4
VDDQ
5
AVCC
6
PVCC
7
VTT
8
VTT
VDD
VREF


Similar Part No. - SC2595

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2595 SEMTECH-SC2595 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2595EVB SEMTECH-SC2595EVB Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2595STRT SEMTECH-SC2595STRT Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
More results

Similar Description - SC2595

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2596 SEMTECH-SC2596 Datasheet
315Kb / 13P
Low Voltage Integrated DDR Termination Regulator
SC2595 SEMTECH-SC2595_09 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2596 SEMTECH-SC2596_09 Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com