Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2595EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2595EVB
Description  Integrated Linear DDR Termination Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC2595EVB Datasheet HTML 1Page - Semtech Corporation SC2595EVB Datasheet HTML 2Page - Semtech Corporation SC2595EVB Datasheet HTML 3Page - Semtech Corporation SC2595EVB Datasheet HTML 4Page - Semtech Corporation SC2595EVB Datasheet HTML 5Page - Semtech Corporation SC2595EVB Datasheet HTML 6Page - Semtech Corporation SC2595EVB Datasheet HTML 7Page - Semtech Corporation SC2595EVB Datasheet HTML 8Page - Semtech Corporation SC2595EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
SC2595
PRELIMINARY
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pl
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mn
i
M n
i
M n
i
Mn
i
Mp
y
Tp
y
T p
y
T p
y
Tp
y
Tx
a
Mx
a
M x
a
M x
a
Mx
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
RV
F
E
R
I
T
U
O
_
F
E
R
A
m
0
=2
/
Q
D
D
V
V
m
0
4
-
5
2
.
12
/
Q
D
D
V
V
m
0
4
+
V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
D
A
O
L
I
D
A
O
L
A
5
.
1
+
o
t
0
:
I
D
A
O
L
A
5
.
1
-
o
t
0
:
5
.
0
-
5
.
0
+
%
t
e
s
f
f
O
e
g
a
t
l
o
V
t
u
p
t
u
O
T
T
VS
O
V
T
T
V
I
T
U
O
V
,
A
0
=
T
T
V
-
F
E
R
0
2
-0
0
2
+V
m
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
I
D
A
O
L
A
0
=0
0
4A
µ
d
l
o
h
s
e
r
h
T
e
l
b
a
n
E
C
C
V
A
1
.
2V
e
c
n
a
d
e
p
m
I
t
u
p
n
I
Q
D
D
VZ
Q
D
D
V
0
0
1k
Ω
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
D
N
G
o
t
Q
D
D
V
,
C
C
V
A
,
C
C
V
PV
C
C
0
.
6
+
o
t
3
.
0
-V
e
s
a
C
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
P
D
E
L
8
-
C
I
O
S
θ
C
J
5
.
5
W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
P
D
E
L
8
-
C
I
O
S
θ
A
J
5
.
6
3
W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OT
A
5
0
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
s
0
4
-
0
1
e
r
u
t
a
r
e
p
m
e
T
w
o
l
f
e
R
R
I
k
a
e
PT
D
A
E
L
0
4
2C
°
s
0
4
-
0
1
e
r
u
t
a
r
e
p
m
e
T
w
o
l
f
e
R
R
I
k
a
e
PT
D
A
E
L
0
6
2C
°
)
l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
i
t
a
R
D
S
ED
S
E2
V
K
Specifications with standard typeface are for T
J = 25
o
C and limits in boldface type apply over the full Operating Temperature Range
(T
J = -40
o
C to +150oC). Unless otherwise specified, AV
CC = PVCC = 2.5V, VDDQ = 2.5V.
Electrical Characteristics
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied.
Note:
Note:
Note:
Note:
Note:
(1) For Load Regulation, use a 10ms current pulse width when measuring V
TT.
Operating Range
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sm
u
m
i
x
a
Mm
u
m
i
x
a
M
m
u
m
i
x
a
M
m
u
m
i
x
a
Mm
u
m
i
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-C
°
D
N
G
o
t
C
C
V
AV
A
C
C
5
.
5
o
t
3
.
2V
D
N
G
o
t
C
C
V
PV
P
C
C
o
t
3
.
2V
A
C
C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com