Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4620 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4620
Description  Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4620 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4620 Datasheet HTML 1Page - Semtech Corporation SC4620 Datasheet HTML 2Page - Semtech Corporation SC4620 Datasheet HTML 3Page - Semtech Corporation SC4620 Datasheet HTML 4Page - Semtech Corporation SC4620 Datasheet HTML 5Page - Semtech Corporation SC4620 Datasheet HTML 6Page - Semtech Corporation SC4620 Datasheet HTML 7Page - Semtech Corporation SC4620 Datasheet HTML 8Page - Semtech Corporation SC4620 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
 2007 Semtech Corp.
www.semtech.com
SC4620
POWER MANAGEMENT
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Electrical Characteristics
Absolute Maximum Ratings
Unless otherwise specified, V
IN= VCC=SYNC/EN=3.3V, ROSC=51.1KΩ, RISET=27.4KΩ, TA = -40°C to 85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Start Threshold Voltage, UVLO
V
IUV
V
IN Rising
2
2.25
V
Hysteresis Voltage, UVLO
V
IUVHY
120
mV
Supply Current, Shutdown
I
SD
V
SYNC = 0V
0.2
1
µA
Supply Current, Operating
I
Qswitching
FB = COMP, No Load
7
10
mA
I
QL
FB = 0.6V, No Load
3.5
7
mA
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Input Voltage Operating Range
V
IN
2.3
5.5
V
Ambient Temperature Range
T
A
-40
85
°C
Junction Temperature
T
J
-40
125
°C
Max. Output Current
I
OUTMAX
0
2.5
A
Recommended Operating Conditions
The Performance is not guarantied if exceeding the specifications below.
Parameter
Symbol
Maximum
Units
Supply Voltage
PV
IN, VCC
-0.3 to 6
V
PVIN to VCC
+/- 0.3
V
FB, COMP, ISET, SYNC/EN, FS, SS, PGOOD to AGND
-0.3 to VCC+ 0.3
V
PGND to AGND
+/- 0.3
V
PHASE Voltage to PGND
V
PHASE
-0.3 to PVIN+ 0.3
V
PHASE Pulse Voltage to PGND Tpulse < 50ns
V
PHASE
-3 to PVIN+ 2
V
Storage Temperature Range
T
STG
-40 to 150
°C
Junction Temperature
T
J
150
°C
IR Reflow Temperature
T
P
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com