Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC623 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC623
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC623 Datasheet(HTML) 1 Page - Semtech Corporation

  SC623 Datasheet HTML 1Page - Semtech Corporation SC623 Datasheet HTML 2Page - Semtech Corporation SC623 Datasheet HTML 3Page - Semtech Corporation SC623 Datasheet HTML 4Page - Semtech Corporation SC623 Datasheet HTML 5Page - Semtech Corporation SC623 Datasheet HTML 6Page - Semtech Corporation SC623 Datasheet HTML 7Page - Semtech Corporation SC623 Datasheet HTML 8Page - Semtech Corporation SC623 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
POWER MANAGEMENT
1
SC623
LED Light Management Unit
Charge Pump, 4 LEDs, 400mA Flash LED,
and SemWireTM Interface
© 2007 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Four programmable current sinks with 32 steps from
0.5mA to 25mA
Flash LED — 400mA max in flash mode, 250mA max
continuous for spotlight
Charge pump frequency — 250kHz
SemWireTM single wire interface — up to 75kbit/s
Backlight current accuracy ±1.5% typical
Backlight current matching ±0.5% typical
Programmable fade-in/fade-out for main backlight
External flash control pin to sync with camera
Optional 1s flash time out
Automatic sleep mode (LEDs off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone backlighting and flash
PDA backlighting and flash
Description
The SC623 is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The charge pump provides backlight current in
conjunction with four matched current sinks. It also can
supply continuous or bursted current to a flash LED using
the dedicated flash driver current sink. The load and
supply conditions determine whether the charge pump
operates in 1x, 1.5x, or 2x mode. An optional fading
feature that gradually adjusts the backlight current is
provided to simplify control software. A flash-timeout
feature disables the flash if active for longer than 1
second.
The SC623 uses the proprietary SemWireTM single wire
interface. The interface controls all functions of the device,
including backlight and flash currents. The single wire
implementation minimizes microcontroller and interface
pin counts. The flash/spotlight output is triggered via
either the SemWire interface or a dedicated pin.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
Total current reduces to 0.1μA in shutdown.
SC623
VIN
SWIF
FLEN
AGND
PGND
VOUT
BL1
FL
FLASH
CIN
2.2μF
MAIN BACKLIGHT
GREF
C1+
SemWire
Interface
Flash
Control
VBAT
COUT
4.7μF
C2
2.2μF
C1
2.2μF
BL2
BL3
BL4
C2+
C1-
C2-
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
June 27, 2007


Similar Part No. - SC623

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6231 FAIRVIEW-SC6231 Datasheet
505Kb / 3P
BNC Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.1
logo
Semtech Corporation
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AEVB SEMTECH-SC623AEVB Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC623AULTRT SEMTECH-SC623AULTRT Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
logo
MISUMI Group Inc
SC623ZZ MISUMI-SC623ZZ Datasheet
1Mb / 1P
Stainless Steel Small Deep Groove Ball Bearings
More results

Similar Description - SC623

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC623A SEMTECH-SC623A Datasheet
280Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and I2C Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC627 SEMTECH-SC627_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com