Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC622EVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC622EVB
Description  LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC622EVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC622EVB Datasheet HTML 3Page - Semtech Corporation SC622EVB Datasheet HTML 4Page - Semtech Corporation SC622EVB Datasheet HTML 5Page - Semtech Corporation SC622EVB Datasheet HTML 6Page - Semtech Corporation SC622EVB Datasheet HTML 7Page - Semtech Corporation SC622EVB Datasheet HTML 8Page - Semtech Corporation SC622EVB Datasheet HTML 9Page - Semtech Corporation SC622EVB Datasheet HTML 10Page - Semtech Corporation SC622EVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SC622
7
Typical Characteristics (continued)
Flash Current — 400mA
310
340
370
400
430
460
490
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.39V at 25°C
Spotlight Current — 50mA
47
48
49
50
51
52
53
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.02V at 25°C
Flash Current — 300mA
210
240
270
300
330
360
390
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.58V at 25°C
Spotlight Current — 250mA
160
190
220
250
280
310
340
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VIN (V)
VOUT=3.50V at 25°C
PSRR vs. Frequency (LDO2)
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
VIN=3.7V at 25°C, ILDO2=50mA, VLDO2=1.8V
PSRR vs. Frequency (LDO1)
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
VIN=3.7V at 25°C, ILDO1=50mA, VLDO1=2.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com