Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4539 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4539
Description  High Effi ciency Boost Converter for up to 6 LEDS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4539 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4539 Datasheet HTML 1Page - Semtech Corporation SC4539 Datasheet HTML 2Page - Semtech Corporation SC4539 Datasheet HTML 3Page - Semtech Corporation SC4539 Datasheet HTML 4Page - Semtech Corporation SC4539 Datasheet HTML 5Page - Semtech Corporation SC4539 Datasheet HTML 6Page - Semtech Corporation SC4539 Datasheet HTML 7Page - Semtech Corporation SC4539 Datasheet HTML 8Page - Semtech Corporation SC4539 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POWER MANAGEMENT
1
Typical Application Circuit
Applications
White LED Display Backlight Driver
Smartphones and PDAs
Cellular Handsets
MP3 and Portable Media Players
DSC, GPS, Satellite Radio, Game Players
High Efficiency Boost Converter
for up to 6 LEDS
SC4539
SC4539
Features
Input voltage range — 2.8V to 5.5V
Current-mode PWM control — 800kHz
Programmable LED current up to 30mA
Soft-start to reduce in-rush current
PWM dimming — 100Hz to 50kHz
PWM dimming at ISET — Analog and filtered
Over-voltage protection — 25V (max.)
Under-voltage lockout (UVLO)
Thermal shutdown
Shutdown current — <1μA
Ultra-thin package — 2mm x 2mm x 0.6mm
Lead-free package, WEEE and RoHS compliant
Description
The SC4539 is designed to regulate current for a series
chain of white LEDs in LCD backlighting applications
where small size and high efficiency are priorities. This
device integrates an 800kHz current-mode PWM boost
converter and a 30mA programmable low dropout current
sink regulator.
An external resistor sets the LED current up to 30mA.
PWM dimming (100Hz to 50kHz) may be applied directly
to the enable (EN) pin, or dimming can be controlled by
applying an analog signal to the ISET circuit. The boost
circuit can output up to 22V (guaranteed) to drive up to 6
LEDs in series. The current regulator protects against
shorts between the BL and OUT pins and also eliminates
backlight glow during shutdown when using LEDs with
high leakage. Under-voltage lockout and thermal shut-
down provide additional protection. A small external
capacitor and series resistor control soft-start and loop
compensation. Over-voltage detection protects the
SC4539 if the LED pin is floating or shorted to ground.
The SC4539 is available in an MLPD-8 pin 2mm x 2mm x
0.6mm package, with a rated temperature range of -40°C
to +85°C.
OUT
LX
BL
CIN
2.8 to
5.5V
IN
EN
ISET
GND
COMP
Enable and
PWM dimming
RISET
CCOMP
L1
D
COUT
RCOMP
September 5, 2007


Similar Part No. - SC4539

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4539 SEMTECH-SC4539 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4539EVB SEMTECH-SC4539EVB Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4539ULTRT SEMTECH-SC4539ULTRT Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
More results

Similar Description - SC4539

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC440 SEMTECH-SC440 Datasheet
66Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538_08 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4539 SEMTECH-SC4539_08 Datasheet
249Kb / 14P
High Effi ciency Boost Converter for up to 6 LEDS
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
logo
Semtech Corporation
SC440A SEMTECH-SC440A Datasheet
390Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC4540 SEMTECH-SC4540 Datasheet
282Kb / 15P
High Effi ciency Boost Converter for up to 10 LEDs
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com