Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4538 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC4538
Description  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC4538 Datasheet HTML 4Page - Semtech Corporation SC4538 Datasheet HTML 5Page - Semtech Corporation SC4538 Datasheet HTML 6Page - Semtech Corporation SC4538 Datasheet HTML 7Page - Semtech Corporation SC4538 Datasheet HTML 8Page - Semtech Corporation SC4538 Datasheet HTML 9Page - Semtech Corporation SC4538 Datasheet HTML 10Page - Semtech Corporation SC4538 Datasheet HTML 11Page - Semtech Corporation SC4538 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Pin Descriptions
Pin #
Pin Name
Pin Function
1LX
Collector of the internal power transistor — connect to the boost inductor and rectifying Schottky
diode.
2
EN
Enable and brightness control pin for LED string
3
ISET
Output current set pin — connect a resistor from this pin to GND to set the maximum current.
4
COMP
Output of the internal transconductance error amplifier — this pin is used for loop
compensation and soft-start. Connect a 1.27 Ohm resistor and 47nF capacitor in series to GND.
5
OUT
Boost output voltage monitor pin — internal over-voltage protection monitors the voltage at this
pin. Connect this pin to the output capacitor and the anode of the LED string.
6
BL
LED constant current sink — connect this pin to the cathode of the LED
7
GND
Ground
8
IN
Power supply pin — bypass this pin with a capacitor close to the pin
T
Thermal Pad
Pad for heatsinking purposes — connect to the ground plane using multiple vias.
Not connected internally.
SC4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com