Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1087 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1087
Description  0.5A General Purpose LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1087 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1087 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1087 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Application Circuits
Basic Circuits
· Variable voltage type
V= V
( 1 +
R2
R1
)+I
R2
OUT
REF
ADJ
Note:
C1 is required if the needed if the device is located far from filter capacitors, the recommended value is 10
mF.
C2 is required for stability, the recommended value is 10
mF.
R1 is required for regulation, the recommended value is 125
W.
· Fixed voltage type
Note:
C1 is required if the needed if the device is located far from filter capacitors, the recommended value is 10
mF.
C2 is required for stability, the recommended value is 10
mF.
Typical Application Circuits
· 1.25~10.5V regulator
V= V
( 1 +
R2
R1
)+I
R2
OUT
REF
ADJ
HT1087 Series
Rev. 1.10
4
October 5, 2007
C 2
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
V O U T
V I N
V I N
V O U T
C 1
1 0 m F
H T 1 0 8 7 - A D J
V R E F
R 1
1 2 5 W
R 2
1 k W
I A D J
A D J
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
H T 1 0 8 7
S e r i e s
C 2
1 0 m F
C 1
1 0 m F
V I N
V O U T
V O U T
V I N
G N D
C 2
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
V O U T
V I N
2 . 7 5 V £ V I N £ 1 2 V
V O U T
C 1
1 0 m F
H T 1 0 8 7 - A D J
V R E F
R 1
1 2 5 W
R 2
1 k W
I A D J
A D J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com