Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1632 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1632
Description  32x8 & 24x16 LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1632 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
5V
On-chip RC oscillator
¾
256
¾
kHz
fLED
LED Duty Cycle & Frame
Frequency
5V
1/8 duty
¾
97.5
¾
Hz
5V
1/16 duty
¾
97.5
¾
Hz
fCLK1
Serial Data Clock (WR pin)
5V
Duty cycle 50%
4
¾
300
kHz
fCLK2
Serial Data Clock (RD pin)
5V
Duty cycle 50%
¾¾
150
kHz
tCS
Serial Interface Reset Pulse
Width
¾ CS
250
¾¾
ns
tCLK
WR,RD Input Pulse Width
5V
Write mode
1.67
¾¾
ms
Read mode
3.34
¾¾
tr,tf
Rise/Fall Time Serial Data
Clock Width (Figure 1)
¾¾
120
¾¾
ns
tsu
Setup Time for DATA to WR,
RD Clock Width (Figure 2)
¾¾
120
¾¾
ns
th
Hold Time for DATA to WR,RD,
Clock Width (Figure 2)
¾¾
120
¾¾
ns
tsu1
Setup Time for CS to WR,RD,
Clock Width (Figure 3)
¾¾
100
¾¾
ns
th1
Hold Time for CS to WR,RD,
Clock Width (Figure 3)
¾¾
100
¾¾
ns
HT1632
Rev. 1.00
4
October 2, 2007
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
V D D
t C L K
Figure 1
5 0 %
V a l i d D a t a
5 0 %
D A T A
W R , R D
C l o c k
G N D
t s u
t h
V D D
G N D
V D D
Figure 2
C S
G N D
5 0 %
5 0 %
F i r s t C l o c k
L a s t C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com