Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1664039 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1664039
Description  CUC-IB8G-J1ST-AT/R4T-P - RJ45 PCB connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664039 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1664039 Datasheet HTML 1Page - PHOENIX CONTACT 1664039 Datasheet HTML 2Page - PHOENIX CONTACT 1664039 Datasheet HTML 3Page - PHOENIX CONTACT 1664039 Datasheet HTML 4Page - PHOENIX CONTACT 1664039 Datasheet HTML 5Page - PHOENIX CONTACT 1664039 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Drawings
Circuit diagram
1CT:1CT
P1
P2
P3
P4
P5
P6
P7
P8
P9
SHIELD
J8
J7
J5
J4
J6
J3
J2
J1
CAP 1000pF 2KV
75Ω 75Ω
75Ω
P10
1CT:1CT
1CT:1CT
1CT:1CT
0,01μF
0,01μF
75Ω
ELECTRONICAL SPECIFICATIONS
1. ACCORDING TO IEEE 802.3
2. TURN RATIO @100KHz:
(P2~P3):(J1~J2) = 1:1±5%
(P4~P5):(J3~J6) = 1:1±5%
(P6~P7):(J4~J5) = 1:1±5%
(P8~P9):(J7~J8) = 1:1±5%
3. PRIMARY INDUCTANCE:
350μH MIN @100KHz
0,1V 8mA DC BIAS
4. DC RESISTANCE:
1,2 OHMS MAX
5. INSERTION LOSS:
1-100MHz
-1,0dB MAX
100-125MHz -1,2dB MAX
6. RETURN LOSS:
1-40MHz
-16dB MIN
40-60MHz
-12dB MIN
60-80MHz
-10dB MIN
80-100MHz
-8dB MIN
7. CROSS TALK:
1-100MHz
-30dB MIN
8. COMMON TO COMMON
MODE ATTENUATION:
1-100MHz
-30dB MIN
9. ISOLATION: PHY SIDE TO LINE SIDE: 2250VDC
JACK SIDE
PCB SIDE
Circuit diagram
Diagram
≤10 s
Preheat
Peak Cooling
t [s]
Classification wave soldering profile
CUC-IB8G-J1ST-AT/R4T-P - RJ45 PCB connector
1664039
https://www.phoenixcontact.com/us/products/1664039
Jan 15, 2025, 1:43 AM
Page 4 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com