Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1647 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1647 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
14
-1779.30
-149.00
47
1522.60
-1712.30
80
823.50
1708.30
15
-1779.30
-277.00
48
1654.40
-1712.30
81
691.70
1708.30
16
-1779.30
-408.80
49
1782.40
-1712.30
82
563.70
1708.30
17
-1779.30
-536.80
50
1775.70
-1411.10
83
431.90
1708.30
18
-1779.30
-668.60
51
1775.70
-1283.10
84
303.90
1708.30
19
-1779.30
-796.60
52
1775.70
-1151.30
85
172.10
1708.30
20
-1779.30
-928.80
53
1775.70
-1023.30
86
44.10
1708.30
21
-1779.30
-1056.80
54
1775.70
-891.50
87
-87.70
1708.30
22
-1779.30
-1189.00
55
1775.70
-763.50
88
-215.70
1708.30
23
-1690.00
-1375.40
56
1775.70
-631.70
89
-347.50
1708.30
24
-1690.00
-1515.40
57
1775.70
-503.70
90
-475.50
1708.30
25
-1690.00
-1651.00
58
1775.70
-371.90
91
-607.30
1708.30
26
-1430.20
-1599.90
59
1775.70
-243.90
92
-735.30
1708.30
27
-1294.80
-1599.90
60
1775.70
-112.10
93
-867.10
1708.30
28
-1149.50
-1599.90
61
1775.70
15.90
94
-995.10
1708.30
29
-1013.90
-1599.90
62
1775.70
147.70
95
-1126.90
1708.30
30
-872.80
-1600.00
63
1775.70
275.70
96
-1254.90
1708.30
31
-738.30
-1600.00
64
1775.70
407.50
97
-1386.70
1708.30
32
-600.10
-1600.00
65
1775.70
535.50
98
-1514.70
1708.30
33
-465.60
-1600.00
66
1775.70
667.30
99
-1646.50
1708.30
Pad Description
Pad No.
Pad Name
I/O
Description
23
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the
data and command read from or write to the HT1647 are disabled. The serial
interface circuit is also reset. But if the CS is at a logic low level and is input to
the CS pad, the data and command transmission between the host control-
ler and the HT1647 are all enabled.
24
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1647 are
clocked out on the rising edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next falling edge to
latch the clocked out data.
25
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched
into the HT1647 on the rising edge of the WR signal.
26~29
DB0~DB3
I/O
Parallel data input/output with a pull-high resistor
30
VSS
¾
Negative power supply for logic circuit, ground
31
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to
generate a system clock. If the system clock comes from an external clock
source, the external clock source should be connected to the OSCI pad. But
if an on-chip RC oscillator is selected, the OSCI and OSCO pads can be left
open.
32
OSCO
O
33
VDD
¾
Positive power supply for logic circuit
34
VLCD
I
Power supply for LCD driver circuit
35
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output.
36, 37
BZ, BZ
O
2kHz or 4kHz frequency output pair (tristate output buffer)
38~41
T1~T4
I
Not connected
42~57
COM0~COM15
O
LCD common outputs
58~99,
1~22
SEG0~SEG63
O
LCD segment outputs
HT1647
Rev. 1.30
4
November 10, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com