Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8950 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT8950
Description  Voice Modulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8950 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT8950 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 9Page - Holtek Semiconductor Inc HT8950 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HT8950 with a Transistor Output Stage and a 6V Power Supply
HT8950A with a Transistor Output Stage and a 6V Power Supply
HT8950/HT8950A
Rev. 1.10
6
November 16, 2006
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1
3
5
2
4
6
8
7
O S C 1
O S C 2
V S S
N C
A O
A U D I O
F V I B
V R E F
V D D
A I N
L A M P
R O B
V I B
T G D
T G U
T S
4 . 7 m F / 1 0 V
3 . 6 V
0 . 1 m F
4 7 0 W
1 0 0 m F / 1 0 V
V C C
6 V
2 0 0 W
2 . 4 k W
1 0 0 m F / 1 0 V
S P K
0 . 1 m F
4 7 0 W
4 . 7 k W
3 3 k W
0 . 1 m F
2 2 m F / 1 0 V
M I C
3 3 0 W
H T 8 9 5 0 A
1 5 0 k W
A 7 3 3
8 0 5 0
6 8 W
4 7 0 W
8 0 5 0
4 . 7 k W
1 0 0 k W
4 7 k W
4 . 7 m F / 1 0 V
3 . 6 V
1 0 0 k W
4 7 k W
1 0 0 m F / 1 0 V
V C C
6 V
0 . 1 m F
1
3
5
2
4
6
8
7
4 7 0 W
4 . 7 k W
4 . 7 k W
0 . 1 m F
2 2 m F / 1 0 V
M I C
2 . 4 k W
2 0 0 W
0 . 1 m F
3 3 0 W
3 3 k W
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
O S C 1
O S C 2
V S S
A O
A U D I O
F V I B
V R E F
V D D
A I N
L A M P
R O B
V I B
T G D
T G U
T S
1 7
1 8
S W 0
S W 1
S W 2
1 0 0 m F / 1 0 V
S P K
H T 8 9 5 0
A 7 3 3
8 0 5 0
1 5 0 W
8 0 5 0
6 8 W
4 7 0 W
0 . 1 m F
4 7 0 W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com