Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16562 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT16562
Description  1/2 Duty VFD Digital Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16562 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT16562 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16562 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
D.C. Characteristics
VCC=12V, VSS=0V, Ta=
-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
High Input Voltage
¾ VCC=8Vto18V
3.6
¾¾
V
VIL
Low Input Voltage
¾ VCC=8Vto18V
¾¾
1V
IIL1
Low-level Input Current
18V
Dim1, Dim2, BLANK,
Test pins low
-1
¾¾
mA
IIH1
Hi-level Input Current
18V
Dim1, Dim2, BLANK,
Test pins high
50
¾
200
mA
IIL2
Low-level Input Current
18V XT pin low
-3
¾
3
mA
IIH2
Hi-level Input Current
18V XT pin high
-3
¾
3
mA
IIL3
Low-level Input Current
18V A/C,ZA,HS,MS pins low
-200
¾-50
mA
IOL
Low-level Output current
12V VOL= 0.5V for 64Hz pin
100
¾¾
mA
IOH
Hi-level Output current
12V VOL= 4.0V for 64Hz pin
¾¾
-100
mA
ISOL
Driver Output Low Voltage
(All Segment outputs)
12V VSOL= 0.7V
15
¾¾
mA
ISOH
Driver Output High Voltage
(All Segment outputs)
12V VSOL= 11.3V
¾¾
-1.0
mA
IGOL
Driver Output Low Voltage
(Grid1,Grid2)
12V VSOL= 0.7V
15
¾¾
mA
IGOH
Driver Output High Voltage
(Grid1,Grid2)
12V VSOL= 11.3V
¾¾
-15
mA
ICC
Dynamic Current Consumption
12V
fOSC= 4.194304MHz,
Oscillator external
capacitors = 22pF
¾¾
1.0
mA
HT16562
Rev. 1.00
4
March 28, 2007



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com