Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF211AYQS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF211AYQS
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211AYQS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF211AYQS Datasheet HTML 1Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 2Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 3Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 4Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 5Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 6Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 7Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 8Page - Micrel Semiconductor MICRF211AYQS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel
MICRF211
March 2007
4
M9999-030107
(408) 944-0800
Demodulator
Symbol
Parameter
Condition
Min
Typ
Max
Units
CTH Source
Impedance
FREFOSC = 13.52127MHz
120
k
CTH Leakage Current
TA = 25ºC
TA = +105ºC
± 2
± 800
nA
nA
Demodulator Filter
Bandwidth @ 434MHz
Programmable, see application section
1625
13000
Hz
Digital / Control Functions
DO pin output current
As output
source @ 0.8 Vdd
sink @ 0.2 Vdd
260
600
µA
Output rise and fall
times
CI = 15pF, pin DO, 10-90%
2
µsec
RSSI
RSSI DC Output
Voltage Range
0.4 to 2
V
RSSI response slope
-110dBm to -40dBm
25
mV/dB
RSSI Output Current
400
µA
RSSI Output
Impedance
200
RSSI Response Time
50% data duty cycle, input power to
Antenna = -20dBm
0.3
sec
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside of its operating rating.
Note 3.
Device is ESD sensitive. Use appropriate ESD precautions. Exceeding the absolute maximum rating may damage the device.
Note 4.
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10-2 BER (bit error rate). The input signal is
defined as a return-to-zero (RZ) waveform with 50% average duty cycle (Manchester encoded) at a data rate of 1kbps.
Note 5.
When data burst does not contain preamble, duty cycle is defined as total duty cycle, including any “quiet” time between data bursts. When
data bursts contain preamble sufficient to charge the slice level on capacitor C , then duty cycle is the effective duty cycle of the burst
alone. [For example, 100msec burst with 50% duty cycle, and 100msec “quiet” time between bursts. If burst includes preamble, duty
cycle is T
/(T
+t
)= 50%; without preamble, duty cycle is T
/(T
+ T
+ T
) = 50msec/(200msec)=25%. T
is the (Average
number of 1’s/burst) × bit time, and T
= T
– T
.)
TH
ON
ON
OFF
ON
ON
OFF
QUIET
ON
OFF
BURST
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com