Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STVM100DS6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STVM100DS6F
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DS6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STVM100DS6F Datasheet HTML 4Page - STMicroelectronics STVM100DS6F Datasheet HTML 5Page - STMicroelectronics STVM100DS6F Datasheet HTML 6Page - STMicroelectronics STVM100DS6F Datasheet HTML 7Page - STMicroelectronics STVM100DS6F Datasheet HTML 8Page - STMicroelectronics STVM100DS6F Datasheet HTML 9Page - STMicroelectronics STVM100DS6F Datasheet HTML 10Page - STMicroelectronics STVM100DS6F Datasheet HTML 11Page - STMicroelectronics STVM100DS6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Device operation
STVM100
8/27
2.1.4
Data valid
The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or
LOW state of the data line can only change when the clock signal on the SCL line is low
(see Figure 5). The data on the line may be changed during the clock signal low period.
There is one clock pulse per bit of data.
Each data transfer is initiated with a Start condition and terminated with a Stop condition.
The number of data bytes transferred between the Start and Stop conditions is not limited.
The information is transmitted byte-wide and each receiver acknowledges transmission with
a ninth bit.
By definition, the device that gives out a message is called “transmitter”, the device that gets
the message is called “receiver”. The device that controls the message is called the
“master”. The devices controlled by the master are called “slave” devices.
Figure 5.
Serial bus data transfer sequence
AI00587
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com