Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252AIP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252AIP
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252AIP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2252AIP Datasheet HTML 9Page - Texas Instruments TLC2252AIP Datasheet HTML 10Page - Texas Instruments TLC2252AIP Datasheet HTML 11Page - Texas Instruments TLC2252AIP Datasheet HTML 12Page - Texas Instruments TLC2252AIP Datasheet HTML 13Page - Texas Instruments TLC2252AIP Datasheet HTML 14Page - Texas Instruments TLC2252AIP Datasheet HTML 15Page - Texas Instruments TLC2252AIP Datasheet HTML 16Page - Texas Instruments TLC2252AIP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD± = ±5 V
PARAMETER
TEST CONDITIONS
T †
TLC2254C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VO = ± 1.9 V,
RL = 100 kΩ,
25
°C
0.07
0.12
V/
µs
SR
Slew rate at unity gain
O
,
CL = 100 pF
L
,
Full range
0.05
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
38
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
25
°C
0.8
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
µV
In
Equivalent input noise current
25
°C
0.6
fA /
√Hz
THD+N
Total harmonic distortion plus noise
VO = ± 2.3 V,
f
20 kHz
AV = 1
25
°C
0.2%
THD + N
Total harmonic distortion plus noise
f = 20 kHz,
RL = 50 kΩ
AV = 10
25
°C
1%
Gain-bandwidth product
f = 10 kHz,
CL = 100 pF
RL = 50 kΩ,
25
°C
0.21
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 4.6 V,
RL = 50 kΩ,
AV = 1,
CL = 100 pF
25
°C
14
kHz
φm
Phase margin at unity gain
RL =50kΩ
CL = 100 pF
25
°C
63
°
Gain margin
RL = 50 kΩ,
CL = 100 pF
25
°C
15
dB
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com