Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8152AMA Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI7C8152AMA
Description  2-Port PCI-to-PCI Bridge
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8152AMA Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI7C8152AMA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C8152AMA Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
PI7C8152A & PI7C8152B
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 7 of 90
October 16, 2003 – Revision 1.11
12.1.5
REVISION ID REGISTER – OFFSET 08h ...................................................................... 70
12.1.6
CLASS CODE REGISTER – OFFSET 08h....................................................................... 70
12.1.7
CACHE LINE SIZE REGISTER – OFFSET 0Ch ............................................................ 70
12.1.8
PRIMARY LATENCY TIMER REGISTER – OFFSET 0Ch ........................................... 70
12.1.9
HEADER TYPE REGISTER – OFFSET 0Ch................................................................... 70
12.1.10
PRIMARY BUS NUMBER REGISTSER – OFFSET 18h............................................ 71
12.1.11
SECONDARY BUS NUMBER REGISTER – OFFSET 18h ........................................ 71
12.1.12
SUBORDINATE BUS NUMBER REGISTER – OFFSET 18h.................................... 71
12.1.13
SECONDARY LATENCY TIMER REGISTER – OFFSET 18h .................................. 71
12.1.14
I/O BASE ADDRESS REGISTER – OFFSET 1Ch ...................................................... 71
12.1.15
I/O LIMIT ADDRESS REGISTER – OFFSET 1Ch ..................................................... 72
12.1.16
SECONDARY STATUS REGISTER – OFFSET 1Ch................................................... 72
12.1.17
MEMORY BASE ADDRESS REGISTER – OFFSET 20h ........................................... 73
12.1.18
MEMORY LIMIT ADDRESS REGISTER – OFFSET 20h.......................................... 73
12.1.19
PEFETCHABLE MEMORY BASE ADDRESS REGISTER – OFFSET 24h ............. 73
12.1.20
PREFETCHABLE MEMORY LIMIT ADDRESS REGISTER – OFFSET 24h ......... 73
12.1.21
PREFETCHABLE MEMORY BASE ADDRESS UPPER 32-BITS REGISTER –
OFFSET 28h ....................................................................................................................................... 74
12.1.22
PREFETCHABLE MEMORY LIMIT ADDRESS UPPER 32-BITS REGISTER –
OFFSET 2Ch....................................................................................................................................... 74
12.1.23
I/O BASE ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h .......................... 74
12.1.24
I/O LIMIT ADDRESS UPPER 16-BITS REGISTER – OFFSET 30h......................... 74
12.1.25
ECP POINTER REGISTER – OFFSET 34h................................................................. 74
12.1.26
INTERRUPT PIN REGISTER – OFFSET 3Ch............................................................ 75
12.1.27
BRIDGE CONTROL REGISTER – OFFSET 3Ch ....................................................... 75
12.1.28
DIAGNOSTIC / CHIP CONTROL REGISTER – OFFSET 40h.................................. 76
12.1.29
ARBITER CONTROL REGISTER – OFFSET 40h...................................................... 78
12.1.30
EXTENDED CHIP CONTROL REGISTER – OFFSET 48h....................................... 78
12.1.31
SECONDARY BUS ARBITER PREEMPTION CONTROL REGISTER – OFFSET
4Ch
.......................................................................................................................................... 79
12.1.32
P_SERR_L EVENT DISABLE REGISTER – OFFSET 64h........................................ 79
12.1.33
SECONDARY CLOCK CONTROL REGISTER – OFFSET 68h ................................. 80
12.1.34
P_SERR_L STATUS REGISTER – OFFSET 68h ........................................................ 81
12.1.35
PORT OPTION REGISTER – OFFSET 74h ................................................................ 81
12.1.36
PRIMARY MASTER TIMEOUT COUNTER – OFFSET 80h ..................................... 83
12.1.37
SECONDARY MASTER TIMEOUT COUNTER – OFFSET 80h ............................... 84
12.1.38
CAPABILITY ID REGISTER – OFFSET DCh............................................................. 84
12.1.39
NEXT ITEM POINTER REGISTER – OFFSET DCh ................................................. 84
12.1.40
POWER MANAGEMENT CAPABILITIES REGISTER – OFFSET DCh ................. 84
12.1.41
POWER MANAGEMENT DATA REGISTER – OFFSET E0h................................... 84
12.1.42
PPB SUPPORT EXTENSIONS REGISER – OFFSET E0h ........................................ 85
13
BRIDGE BEHAVIOR.................................................................................................................... 85
13.1
BRIDGE ACTIONS FOR VARIOUS CYCLE TYPES................................................................ 85
13.2
ABNORMAL TERMINATION (INITIATED BY BRIDGE MASTER)..................................... 86
13.2.1
MASTER ABORT................................................................................................................ 86
13.2.2
PARITY AND ERROR REPORTING ................................................................................ 86
13.2.3
REPORTING PARITY ERRORS ....................................................................................... 86
13.2.4
SECONDARY IDSEL MAPPING ...................................................................................... 86
14
ELECTRICAL AND TIMING SPECIFICATIONS................................................................... 87
14.1
MAXIMUM RATINGS ............................................................................................................... 87
14.2
DC SPECIFICATIONS ................................................................................................................ 87
14.3
AC SPECIFICATIONS ................................................................................................................ 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com