Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2252CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2252CPWR
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2252CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLC2252CPWR Datasheet HTML 1Page - Texas Instruments TLC2252CPWR Datasheet HTML 2Page - Texas Instruments TLC2252CPWR Datasheet HTML 3Page - Texas Instruments TLC2252CPWR Datasheet HTML 4Page - Texas Instruments TLC2252CPWR Datasheet HTML 5Page - Texas Instruments TLC2252CPWR Datasheet HTML 6Page - Texas Instruments TLC2252CPWR Datasheet HTML 7Page - Texas Instruments TLC2252CPWR Datasheet HTML 8Page - Texas Instruments TLC2252CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2252 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(U)
0
°C to 70°C
1500
µV
TLC2252CD
—
—
TLC2252CP
TLC2252CPW
—
40
°Cto125°C
850
µV
TLC2252AID
—
—
TLC2252AIP
TLC2252AIPW
—
– 40
°C to 125°C
µ
1500
µV
TLC2252ID
—
—
TLC2252IP
—
—
40
°Cto125°C
850
µV TLC2252AQD
—
—
—
—
—
– 40
°C to 125°C
µ
1500
µV TLC2252QD
—
—
—
—
—
– 55
°C to 125°C
850
µV
1500
µV
—
—
TLC2252AMFK
TLC2252MFK
TLC2252AMJG
TLC2252MJG
—
—
—
—
TLC2252AMU
TLC2252MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLC2262CDR).
‡ The PW package is available only left-ended taped and reeled.
§ Chip forms are tested at 25
°C only.
TLC2254 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC DIP
(N)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(W)
0
°C to
70
°C
1500
µV
TLC2254CD
—
—
TLC2254CN
TLC2254CPW
—
– 40
°C to
850
µV
TLC2254AID
—
—
TLC2254AIN
TLC2254AIPW
—
125
°C
µ
1500
µV
TLC2254ID
—
—
TLC2254IN
—
—
– 40
°C to
850
µV
TLC2254AQD
—
—
—
—
—
125
°C
µ
1500
µV
TLC2254QD
—
—
—
—
—
– 55
°C to
850
µV
—
TLC2254AMFK
TLC2254AMJ
—
—
TLC2254AMW
125
°C
µ
1500
µV
—
TLC2254MFK
TLC2254MJ
—
—
TLC2254MW
† The D packages are available taped and reeled. Add R suffix to the device type (e.g., TLC2254CDR).
‡ The PW package is available only left-end taped and reeled. Chips are tested at 25
°C.
§ Chip forms are tested at 25
°C only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com