Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2254CPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2254CPWR
Description  Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2254CPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC2254CPWR Datasheet HTML 28Page - Texas Instruments TLC2254CPWR Datasheet HTML 29Page - Texas Instruments TLC2254CPWR Datasheet HTML 30Page - Texas Instruments TLC2254CPWR Datasheet HTML 31Page - Texas Instruments TLC2254CPWR Datasheet HTML 32Page - Texas Instruments TLC2254CPWR Datasheet HTML 33Page - Texas Instruments TLC2254CPWR Datasheet HTML 34Page - Texas Instruments TLC2254CPWR Datasheet HTML 35Page - Texas Instruments TLC2254CPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
TLC225x, TLC225xA
Advanced LinCMOS
 RAIL-TO-RAIL
VERY LOW-POWER OPERATIONAL AMPLIFIERS
SLOS176D – FEBRUARY 1997 – REVISED MARCH 2001
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
INPUT OFFSET VOLTAGE†
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
1
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1
– 1
0
12
34
5
VDD = 5 V
RS = 50 Ω
TA = 25°C
Figure 7
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VDD
± = ±5 V
RS = 50 Ω
TA = 25°C
1
0.8
0.6
0.4
0.2
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1
– 6
– 5
– 4 – 3
– 2
– 10
1
2
3
4
5
Figure 8
15
10
5
0
20
25
– 10
1
2
P Package
TA = 25°C to 125°C
DISTRIBUTION OF TLC2252 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
α
VIO – Temperature Coefficient – µV/ °C
62 Amplifiers From
1 Wafer Lot
VDD = ± 2.5 V
Figure 9
15
10
5
0
20
25
– 10
1
2
62 Amplifiers From
1 Wafer Lot
VDD = ± 5 V
P Package
TA = 25°C to 125°C
DISTRIBUTION OF TLC2252 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
α
VIO – Temperature Coefficient – µV/ °C
† For curves where VDD = 5 V, all loads are referenced to 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com