Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA-005C Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # SCA-005C
Description  Silicon PIN Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

SCA-005C Datasheet(HTML) 1 Page - Semicoa Semiconductor

  SCA-005C Datasheet HTML 1Page - Semicoa Semiconductor SCA-005C Datasheet HTML 2Page - Semicoa Semiconductor SCA-005C Datasheet HTML 3Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Copyright
 2003
Semico.
Rev. 3.1
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 3
www.SEMICOA.com
SCA-005C
Silicon PIN Photodiode
Data Sheet
Description
The SCA-005C is a high sensitive silicon PIN photodiode for
use in low light applications across the spectral range of
320nm to 1100 nm.
This N-type photodiode offers high speed, low capacitance,
and high breakdown voltage characteristics.
The standard version of model SCA-005C is housed in a
hermetically sealed 2 pin TO-5 metal case. It is also available
in custom packages and in chip form for hybrid circuit boards.
This device is capable of meeting MIL-PRF-19500
requirements for environmental integrity and reliability.
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900.
Applications
• Medical Analytical Instruments
• Optical Power Meters
• Densitometers
• Radiometers
• Optical Spectroscopy
Features
• Photoconductive or Photovoltaic
Regime
• High-Reliability Hermetic Package
• Available in Chip Form
• Spectral Response from 320 to 1100nm
Benefits
• Low Dark Current
• Low Total Capacitance
• Fast Rise Time
• High Responsivity
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Operation Temperature
TOP
-50 to +120
O
C
Storage Temperature
TSTG
-55 to +150
O
C
Reverse Voltage
VR
100
V


Similar Part No. - SCA-005C

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
More results

Similar Description - SCA-005C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com