Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5664 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N5664
Description  Silicon NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5664 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N5664 Datasheet HTML 1Page - Semicoa Semiconductor 2N5664 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. D
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N5664
Silicon NPN Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N5664J)
• JANTX level (2N5664JX)
• JANTXV level (2N5664JV)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• General purpose high power switching
• Power Transistor
• NPN silicon transistor
Features
• Hermetically sealed TO-66 metal can
• Also available in chip configuration
• Chip geometry 9221
• Reference document:
MIL-PRF-19500/455
Benefits
• Qualification Levels: JAN, JANTX, and
JANTXV
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
200
Volts
Collector-Base Voltage
VCBO
250
Volts
Emitter-Base Voltage
VEBO
6
Volts
Collector Current, Continuous
IC
5
A
Power Dissipation, TA = 25°C
Derate linearly above 25
°C
PT
2.5
14.3
W
mW/
°C
Power Dissipation, TC = 25°C
Derate linearly above 100
°C
PT
30
300
W
mW/
°C
Thermal Resistance
RθJA
3.3
°C/W
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to +200
°C


Similar Part No. - 2N5664

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5664 SEMICOA-2N5664 Datasheet
31Kb / 1P
Chip Type 2C5664 Geometry 9221 Polarity NPN
logo
Microsemi Corporation
2N5664 MICROSEMI-2N5664 Datasheet
60Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
logo
Savantic, Inc.
2N5664 SAVANTIC-2N5664 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
logo
Microsemi Corporation
2N5664 MICROSEMI-2N5664 Datasheet
118Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Inchange Semiconductor ...
2N5664 ISC-2N5664 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5664

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com