Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4783IPZ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4783IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4783IPZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430F4783IPZ Datasheet HTML 9Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 10Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 11Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 12Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 13Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 14Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 15Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 16Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
MSP430x47x3, MSP430x47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545 − MAY 2007
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory organization
MSP430F4783/MSP430F4784
MSP430F4793/MSP430F4794
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
48KB
0FFFFh − 0FFE0h
0FFFFh − 04000h
60KB
0FFFFh − 0FFE0h
0FFFFh − 01100h
Information memory
Size
Flash
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
2KB
09FFh − 0200h
2.5KB
0BFFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
PZ Package Pins
Data Transmit
87 - P1.0
Data Receive
86 - P1.1
flash memory, Flash_A
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and four segments of information memory (A to D) of 64
bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A to D can be erased individually, or as a group with segments 0−n.
Segments A to D are also called information memory.
D Segment A contains calibration data. After reset segment A is protected against programming or erasing.
It can be unlocked but care should be taken not to erase this segment if the calibration data is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com