Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLUG-RJ45 Datasheet(PDF) 1 Page - AG Electronica

Part # PLUG-RJ45
Description  PLUG RJ45 8 HILOS P/CABLE UTP CATEGORIA 5
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

PLUG-RJ45 Datasheet(HTML) 1 Page - AG Electronica

  PLUG-RJ45 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Descripción:
•
MATERIAL: POLICARBONATO.
•
TEMPERATURA DE OPERACIÓN: +40°c-+70°C
•
VIDA DE INSERCION/EXTRACCION: 1000 CICLOS
•
CORRIENTE/VOLTAJE: 30 VC / 42 VDC A 1.5ª
•
RESISTENCIA DE CONTACTO: 10MΩ
PLUG-RJ45 : PLUG RJ45 8 HILOS
P/CABLE UTP CATEGORIA 5
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. FJLH
Fecha: 31/10/2017
Rev 2. BMF


Similar Part No. - PLUG-RJ45

ManufacturerPart #DatasheetDescription
logo
AG Electronica
PLUG-RJ11 AGELECTRONICA-PLUG-RJ11 Datasheet
263Kb / 1P
PLUG RJ11 4 HILOS P/CABLE UTP
31/10/2017
PLUG-RJ12 AGELECTRONICA-PLUG-RJ12 Datasheet
284Kb / 1P
PLUG RJ12 6HILOS P/CABLE UTP
31/10/2017
More results

Similar Description - PLUG-RJ45

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-KAB-RJ45-4U-1M-R ASSMANN-A-KAB-RJ45-4U-1M-R Datasheet
287Kb / 1P
WATERPROOF RJ45 STRAIGHT PLUG CAT 5E UTP, CABLE LENGTH 1M
logo
Tripp Lite. All Rights ...
N201-S05-BL TRIPPLITE-N201-S05-BL Datasheet
497Kb / 2P
Cat6 Gigabit Snagless Molded Slim UTP Patch Cable (RJ45 M/M), Blue, 5 ft.
logo
Bothhand USA, LP.
G2P109N-C-LF BOTHHAND-G2P109N-C-LF Datasheet
262Kb / 2P
Supports 8 pairs of category 5 UTP cable
PG2P109NM-A-LF BOTHHAND-PG2P109NM-A-LF Datasheet
296Kb / 2P
Supports 8 pairs of category 5 UTP cable
logo
Tripp Lite. All Rights ...
N201-S05-GY TRIPPLITE-N201-S05-GY Datasheet
163Kb / 2P
Cat6 UTP Patch Cable (RJ45) - M/M, Gigabit, Snagless, Molded, Slim, Gray, 5 ft.
logo
Belden Inc.
RVAIP2UBK-B24 BELDEN-RVAIP2UBK-B24 Datasheet
267Kb / 2P
DataTuff Industrial REVConnect RJ45 Plug CAT6A UTP
logo
PHOENIX CONTACT
1419182 PHOENIX-1419182 Datasheet
54Kb / 2P
RJ45 plug connector - VS-V1-C-RJ45-MNNA-PG9-8-I-5-?
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Tripp Lite. All Rights ...
N232-050-UTP TRIPPLITE-N232-050-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 50 Pack
N232-100-UTP TRIPPLITE-N232-100-UTP Datasheet
57Kb / 2P
Cat6 RJ45 Pass-Through UTP Modular Plug, 100 Pack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com