Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP9501AB Datasheet(PDF) 4 Page - Shenzhen Developer Microelectronics Co., Ltd

Part # DP9501AB
Description  Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEPUW [Shenzhen Developer Microelectronics Co., Ltd]
Direct Link  http://depuw.com/en/
Logo DEPUW - Shenzhen Developer Microelectronics Co., Ltd

DP9501AB Datasheet(HTML) 4 Page - Shenzhen Developer Microelectronics Co., Ltd

  DP9501AB Datasheet HTML 1Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 2Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 3Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 4Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 5Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 6Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 7Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 8Page - Shenzhen Developer Microelectronics Co., Ltd DP9501AB Datasheet HTML 9Page - Shenzhen Developer Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.publicxin.com
Peng Jijun
13326967551 translated to English by Yevhen Stadnik 380972333363
4
DP950XB
Non-Isolated, Step-Down Quasi-Resonant LED Power Switch
Limit parameters (Note 1)
Parameter
Value
Unit
Drain Voltage
-0.3 to 500
V
HVDD Voltage
-0.3 to 650
V
CS,ROVP Voltage
-0.3 to 7
V
PDmax,
power dissipation @TA=50oC(SOP-7)
(Note 2)
0.6
W
ƟJA
Body thermal resistance - junction to ambient (SOP-7)
165
℃
/W
PDmax,
power dissipation @TA=50oC(DIP-7)
(Note 2)
0.9
W
ƟJA
Body thermal resistance - junction to ambient (DIP-7)
105
oC/W
Chip operating junction temperature
150
°C
Storage temperature
-65 to 150
°C
Solder temperature (soldering 10 seconds)
260
°C
ESD capabilitry (Electrostatic Discharge, release of stored static electricity)
3
kV
Recommended operating conditions
Parameter
Value
Unit
Operating Junction Temperature
-40 to 125
°C
Electrical parameters (ambient temperature is 25 ℃ unless otherwise specified)
Parameter
Description
Test conditions
Min.
Typ.
Max.
Unit
Power supply part (HVDD pin)
IVDD_st
Starting current
VDD<VDD_Op
300
700
uA
IVDD_Op
Working current
Fsw=7KHz
80
150
300
uA
HVDD_ON
HVDD Start voltage
10
11.5
13
V
HVDD_OFF
HVDD Shutdown voltage
5.8
6.6
7.5
V
Toff_min
Minimum shutdown time
(Note 3)
0.6
1.0
1.4
us
Ton_max
Maximum start time
(Note 3)
50
us
Toff_max
Maximum shutdown time
195
270
350
us
Current sampling part (CS pin)
TLEB
Current sampling leading
edge blanking time
(Note 3)
300
500
700
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com