Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S50233DB Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # S50233DB
Description  S50 Industrial RTDs & Thermocouples with NPT Connections
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S50233DB Datasheet(HTML) 1 Page - Ashcroft, Inc.

  S50233DB Datasheet HTML 1Page - Ashcroft, Inc. S50233DB Datasheet HTML 2Page - Ashcroft, Inc. S50233DB Datasheet HTML 3Page - Ashcroft, Inc. S50233DB Datasheet HTML 4Page - Ashcroft, Inc. S50233DB Datasheet HTML 5Page - Ashcroft, Inc. S50233DB Datasheet HTML 6Page - Ashcroft, Inc. S50233DB Datasheet HTML 7Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ex d Head with
Nipple-Union-
Nipple extension
DESCRIPTION
Ashcroft® S50 temperature sensor assemblies
provide accurate temperature measurements.
Each temperature sensor assembly consists of a
spring-loaded temperature sensor, magnesium
oxide (MgO), insulated insert, connection head
and lag extension. The assembly may also include
an optional terminal block and/or transmitters.
Thermocouple assemblies are manufactured
to IEC 60584-2 or ANSI MC 96.1 and RTDs
assemblies are manufactured to IEC 60751.
TYPICAL USES
Industrial process, petrochemical, oil and
gas applications
Process temperature measurements for
oil, gas and power generation systems
Process control, monitoring asset protection
General purpose or hazardous area
Available with DIN mounting plate or spring
loaded fitting designs
SPECIFICATIONS
Ashcroft Series:
S50
Sheath Diameter:
1
⁄8˝, 3⁄16˝, ¼˝, 3 mm, 4.5 mm, 6 mm, 8 mm
Stem Length:
Minimum: 50 mm/2 in
Maximum: 3 m/120 in
Sensor Type &
Measuring Range
RTDs Platinum 385
Pt 100 -200 to 600 °C
Pt 1000 -40 to 600 °C
Thermocouples
Type J -40 to 750 °C
Type E -200 to 800 °C
Type K -200 to 1000 °C
Type N -200 to 1000 °C
Type T -250 to 350 °C
Wiring Configuration:
RTDs - single or dual
2 Wire
3 Wire
4 Wire
Thermocouples - single or dual
Accuracy Class
RTDs - (IEC 60751)
Class A: ±(0.15 + 0.0020 * |t|(1))
Class B: ±(0.30 + 0.0050 * |t|(1))
1/2 Class B: ±(0.15 + 0.0025 * |t|(1))
1/3 Class B: ±(0.10 + 0.0017 * |t|(1))
KEY BENEFITS
• Industrial process applications.
•Designs for hazardous locations.
Thermocouples (IEC 60584-2)
Type J
Type K
Type E
Type N
Type T
Class 1
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±0.5 °C or
±0.0040*|t|(1)
Class 2
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
Class 3
N/A
±2.5 °C or
±0.0040*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
±1.0 °C or
±0.0150*|t|(1)
(1) Absolute temperature in °C
Thermocouples (ANSI MC 96.1)
Type J
Type K
Type E
Type N
Type T
Standard
±2.2 °C or
±0.0075*|t|(1)
±2.2 °C or
±0.0075*|t|(1)
±1.7 °C or
±0.0050*|t|(1)
±2.2 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
Special
±1.1 °C or
±0.0040*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
±0.5 °C or
±0.0040*|t|(1)
SSCA Head
of 7
1
Data Sheet
S50 Industrial RTDs & Thermocouples
with NPT Connections
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are the property
of their respective owners: Inconel®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S50_RTD_ds_RevD_04-05-23
ashcroft.com
| 1.800.328.8258 | Contact Us


Similar Part No. - S50233DB

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
S502 UMPCO-S502 Datasheet
134Kb / 1P
CLAMP, LOOPCUSHIONED, MULTILINE, FOR 3/8 MOUNTING BOLT
logo
Tripp Lite. All Rights ...
S502-01M TRIPPLITE-S502-01M Datasheet
163Kb / 2P
Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 4 x 7pin Cable, 1M (3-ft.)
S502-20N TRIPPLITE-S502-20N Datasheet
163Kb / 2P
Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 4 x 7pin Cable, 20-in. (0.5M)
logo
Bothhand USA, LP.
S5020 BOTHHAND-S5020 Datasheet
253Kb / 1P
ISDN S-INTERFACE TRANSFORMER
logo
Tripp Lite. All Rights ...
S50201M TRIPPLITE-S50201M Datasheet
493Kb / 2P
Internal SAS Cable, 4-in-1 32Pin (SFF-8484) to 4 x 7pin Cable, 1M (3-ft.)
More results

Similar Description - S50233DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
Thin Film Platinum RTDs
June 2014
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
logo
Huber+Suhner, Inc.
81_SMP-S50-0-L1111_N HUBERSUHNER-81_SMP-S50-0-L1111_N Datasheet
2Mb / 1P
81_SMP-S50-0-L1/111_N
81_SMP-S50-0-S1111_N HUBERSUHNER-81_SMP-S50-0-S1111_N Datasheet
2Mb / 1P
81_SMP-S50-0-S1/111_N
logo
Omega Engineering, Inc.
M12CM OMEGA-M12CM Datasheet
741Kb / 5P
M12 Cables with Compensated Connectors for Thermocouples
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com