Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6566 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6566
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6566_07 Datasheet HTML 24Page - STMicroelectronics L6566_07 Datasheet HTML 25Page - STMicroelectronics L6566_07 Datasheet HTML 26Page - STMicroelectronics L6566_07 Datasheet HTML 27Page - STMicroelectronics L6566_07 Datasheet HTML 28Page - STMicroelectronics L6566_07 Datasheet HTML 29Page - STMicroelectronics L6566_07 Datasheet HTML 30Page - STMicroelectronics L6566_07 Datasheet HTML 31Page - STMicroelectronics L6566_07 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Application information
L6566A
28/51
Figure 16. Typical power capability change vs input voltage in QR flyback converters
It acts on the overcurrent setpoint Vcsx, so that it is a function of the converter’s input voltage
Vin (output of the PFC pre-regulator) sensed through a dedicated pin (15, VFF): the higher
the input voltage, the lower the setpoint. This is illustrated in the diagram on the left-hand
side of Figure 17 on page 29: it shows the relationship between the voltage on the pin VFF
and Vcsx (with the error amplifier saturated high in the attempt of keeping output voltage
regulation):
Equation 5
Note:
If the voltage on the pin exceeds 3V switching ceases but the soft-start capacitor is not
discharged. The schematic in Figure 17 on page 29 shows also how the function is included
in the control loop.
With a proper selection of the external divider R1-R2, i.e. of the ratio k = R2 / (R1+R2), it is
possible to achieve the optimum compensation described by the lower curve in the diagram
of Figure 16.
The optimum value of k, kopt, which minimizes the power capability variation over the input
voltage range, is the one that provides equal power capability at the extremes of the range.
The exact calculation is complex, and non-idealities shift the real-world optimum value from
the theoretical one. It is therefore more practical to provide a first cut value, simple to be
calculated, and then to fine tune experimentally.
Assuming that the system operates exactly at the boundary between DCM and CCM, and
neglecting propagation delays, the following expression for kopt can be found:
Equation 6
Experience shows that this value is typically lower than the real one. Once the maximum
peak primary current, IPKpmax, occurring at minimum input voltage Vinmin has been found,
the value of Rs can be determined from (2):
Vin
Vinmin
11.5
22.5
3
3.5
4
0.5
1
1.5
2
2.5
system optimally
compensated
system not
compensated
k = 0
k = kopt
k
Vin
3
k
1
3
V
1
V
VFF
csx
−
=
−
=
()
R
max
in
min
in
max
in
min
in
R
opt
V
V
V
V
V
V
3
k
⋅
+
+
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com