Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS331ALTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LIS331ALTR
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331ALTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LIS331ALTR Datasheet HTML 4Page - STMicroelectronics LIS331ALTR Datasheet HTML 5Page - STMicroelectronics LIS331ALTR Datasheet HTML 6Page - STMicroelectronics LIS331ALTR Datasheet HTML 7Page - STMicroelectronics LIS331ALTR Datasheet HTML 8Page - STMicroelectronics LIS331ALTR Datasheet HTML 9Page - STMicroelectronics LIS331ALTR Datasheet HTML 10Page - STMicroelectronics LIS331ALTR Datasheet HTML 11Page - STMicroelectronics LIS331ALTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Mechanical and electrical specifications
LIS331AL
8/16
2.2
Electrical characteristics
Note:
Minimum resonance frequency Fres=2.0kHz. Device bandwidth=1/(2*
π*32k*Cload)
Table 4.
Electrical characteristics (1) (2)
1.
The product is factory calibrated at 3.3V
2.
Temperature range -40°C to +85°C. All the parameters are specified @ Vdd =3.3V, T=25°C unless otherwise noted
Symbol
Parameter
Test condition
Min.
Typ(3).
3.
Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply voltage
3.0
3.3
3.6
V
Idd
Supply current
Mean value
PD pin connected to GND
0.65
mA
IddPdn
Supply current in
power down mode
PD pin connected to Vdd
1
µA
Vst
Self test input
Logic 0 level
0
0.8
V
Logic 1 level
2.0
Vdd
V
Rout
Output impedance of
Voutx, Vouty, Voutz
32
k
Ton
Turn-On time at exit
from power down
mode
Cload in
µF
160*Cload+0.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com