Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD430890A Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CD430890A
Description  POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD430890A Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CD430890A Datasheet HTML 1Page - Powerex Power Semiconductors CD430890A Datasheet HTML 2Page - Powerex Power Semiconductors CD430890A Datasheet HTML 3Page - Powerex Power Semiconductors CD430890A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
90 Amperes / Up to 1600 Volts
Revision Date: 01/26/2002
CD43__90A
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
1020
3040
506070
8090
100
Average On-State Current - Itm(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
85
90
95
100
105
110
115
120
125
0
10
20304050607080
90
100
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
270°
180°
120°
30°
60°
90°
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
360°
75
80
85
90
95
100
105
110
115
120
125
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
Maximum On-State Forward Voltage Drop
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
1000
Instantaneous On-State Current - Itm - Amperes
( Tj = 125 °C )
Maximum Transient Thermal Impedance
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com