Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW81100ATR-1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW81100ATR-1
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100ATR-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STW81100ATR-1 Datasheet HTML 1Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 2Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 3Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 4Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 5Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 6Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 7Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 8Page - STMicroelectronics STW81100ATR-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
STW81100
4/29
Table 2. Pin Description
Pin No
Name
Description
Observations
1
VDD_VCO1
VCO power supply
2
VDD_DIV2
Divider by 2 power supply
3
VDD_OUTBUF
Output buffer power supply
4
OUTBUFP
LO buffer positive output
Open collector
5
OUTBUFN
LO buffer negative output
Open collector
6
VDD_DIV4
Divider by 4 power supply
7
VDD_VCO2
VCO power supply
8
VDD_ESD
ESD positive rail power supply
9
VCTRL
VCO control voltage
10
ICP
PLL charge pump output
11
REXT
External resistance connection for
PLL charge pump
12
VDD_CP
Power supply for charge pump
13
TEST1
Test input 1
Test purpose only; must be connected to GND
14
LOCK_DET
Lock detector
CMOS Output
15
TEST2
Test input 2
Test purpose only; must be connected to GND
16
REF_IN
Reference frequency input
17
VDD_PLL
PLL digital power supply
18
EXTVCO_INN
External VCO negative input
Test purpose only; must be connected to GND
19
EXTVCO_INP
External VCO positive input
Test purpose only; must be connected to GND
20
VDD_BUFVCO
VCO buffer power supply
21
ATPGON
SCAN mode activated
Test purpose only; must be connected to GND
22
VDD_I2CI2C bus power supply
23
EXT_PD
Power down hardware
CMOS Input
24
SDA
I2CBUS data line
CMOS Bidir Schmitt triggered
25
SCL
I2CBUS clock line
CMOS Input
26
ADD0
I2CBUS address select pin
CMOS Input
27
ADD1
I2CBUS address select pin
CMOS Input
28
ADD2
I2CBUS address select pin
CMOS Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com