Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S15L0FS745 Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S15L0FS745
Description  S1 Pressure Transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S15L0FS745 Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S15L0FS745 Datasheet HTML 1Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 2Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 3Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 4Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 5Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 6Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 7Page - Ashcroft, Inc. S15L0FS745 Datasheet HTML 8Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
of 8
4
Data Sheet
S1 Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, TruAccuracy™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, AMP®, Deutsch®, Econoseal®, Metri-Pack®.
For more information, see Ashcroft Brands & Trademarks ©2024 Ashcroft Inc. S1_transducer_ds_RevG_11-27-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE (continued)
Example:
S1
7
S
0
MEK
42
GN
60# XTU
Electrical Termination (See PINOUTS and DIMENSIONS sections for specific part code pinout
descriptions)
EN 175301-803 Form C (DIN 43650, Form C) elec conn add conn part code:
DC - No mating connector
N1 - With matting connector (PG 7 cable gland outlet)
EN 175301-803 Form A (DIN 43650, Form A) elec conn add part codes:
DA - No mating connector
D0 - With mating connector (PG 9 cable gland outlet)
CD - With mating connector (½ NPT female conduit cable
outlet)
M12 - 4 Pin with molded thread
EW - M12 (no mating connector)
GW - M12 (no mating connector)
LW - M12 (no mating connector)
RW - M12 (no mating connector)
M12 - 4 Pin with metal thread
EX - M12 with Pin 3 as Common (no mating connector)
GX - M12 (no mating connector)
LX - M12 (no mating connector)
RX - M12 with Pin 4 as Common (no mating connector)
Shielded cable with PVC jacket and 24 AWG leads
FA - 1 foot
FB - 1 meter
FC - 10 feet
FD - 5 Meters
FE - 20 feet
Metri-Pack®
GN - No mating connection
GN
AMP® Econoseal®
JN - No mating connection
Deutsch® DT Series DT04-3P
DT - Without mating connector
DR - Without mating connector
AMP® Superseal®
AP - No mating connector
Deutsch® DT Series DT04-4P
DU- Without mating connector
Deutsch® DTM Series DTM04-3P
DS - Without mating connector
Pressure Ranges (see range table on page 4)
60# - 60 psi
60#
Option (if including an option(s) must include an “X’’)
X __
_
TU- Throttle plug
TU
P9 - Individual packing
6B - Clean for oxygen service



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com