Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT253E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT253E
Description  Dual 4-Input Multiplexer, Three-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT253E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT253E Datasheet HTML 1Page - Texas Instruments CD74ACT253E Datasheet HTML 2Page - Texas Instruments CD74ACT253E Datasheet HTML 3Page - Texas Instruments CD74ACT253E Datasheet HTML 4Page - Texas Instruments CD74ACT253E Datasheet HTML 5Page - Texas Instruments CD74ACT253E Datasheet HTML 6Page - Texas Instruments CD74ACT253E Datasheet HTML 7Page - Texas Instruments CD74ACT253E Datasheet HTML 8Page - Texas Instruments CD74ACT253E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS247A
Features
• Buffered Inputs
• Typical Propagation Delay
- 6.3ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC253 and ’ACT253 dual 4-input multiplexers that
utilize Advanced CMOS Logic technology. One of the four
sources for each section is selected by the common Select
inputs, S0 and S1. When the Output Enable (1OE or 2OE) is
HIGH, the output is in the high-impedance state.
Pinout
CD54ACT253
(CERDIP)
CD74AC253, CD74ACT253
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD74AC253E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74AC253M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
CD54ACT253F3A
-55 to 125
16 Ld CERDIP
CD74ACT253E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
CD74ACT253M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local TI sales office or cus-
tomer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1OE
S1
1I3
1I2
1I1
1I0
GND
1Y
VCC
S0
2I3
2I2
2I1
2I0
2Y
2OE
August 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated.
CD74AC253,
CD54/74ACT253
Dual 4-Input Multiplexer, Three-State


Similar Part No. - CD74ACT253E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT253E TI-CD74ACT253E Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
CD74ACT253E TI-CD74ACT253E Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
CD74ACT253E TI2-CD74ACT253E Datasheet
291Kb / 14P
Dual 4-Input Multiplexer, Three-State
Revised May 2000
CD74ACT253E.A TI2-CD74ACT253E.A Datasheet
291Kb / 14P
Dual 4-Input Multiplexer, Three-State
Revised May 2000
CD74ACT253EE4 TI-CD74ACT253EE4 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
More results

Similar Description - CD74ACT253E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F353 PHILIPS-74F353 Datasheet
110Kb / 10P
Dual 4-input multiplexer 3-State
1996 Jan 05
74HC253 PHILIPS-74HC253 Datasheet
50Kb / 7P
Dual 4-input multiplexer; 3-state
December 1990
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
8-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
Dual 4-Input Multiplexer, Three-State
logo
Intersil Corporation
ACS253MS INTERSIL-ACS253MS Datasheet
48Kb / 2P
Radiation Hardened Dual 4-Input Multiplexer with Three-State Outputs
November 1997
logo
Texas Instruments
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
Dual 4-Input Multiplexer, Three-State
logo
NXP Semiconductors
74HC_HCT253 PHILIPS-74HC_HCT253_15 Datasheet
182Kb / 17P
Dual 4-input multiplexer; 3-state
Rev. 5-21 January 2015
logo
Texas Instruments
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
8-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HC253-Q100 NEXPERIA-74HC253-Q100 Datasheet
749Kb / 15P
Dual 4-input multiplexer; 3-state
74HC-HCT253-Q100 NEXPERIA-74HC-HCT253-Q100 Datasheet
257Kb / 15P
Dual 4-input multiplexer; 3-state
Rev. 4 - 27 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com