Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT253M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT253M
Description  Dual 4-Input Multiplexer, Three-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT253M Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT253M Datasheet HTML 1Page - Texas Instruments CD74ACT253M Datasheet HTML 2Page - Texas Instruments CD74ACT253M Datasheet HTML 3Page - Texas Instruments CD74ACT253M Datasheet HTML 4Page - Texas Instruments CD74ACT253M Datasheet HTML 5Page - Texas Instruments CD74ACT253M Datasheet HTML 6Page - Texas Instruments CD74ACT253M Datasheet HTML 7Page - Texas Instruments CD74ACT253M Datasheet HTML 8Page - Texas Instruments CD74ACT253M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
ACT Input Load Table
INPUT
UNIT LOAD
S0, S1, nI0, nI1
1
nOE
0.83
NOTE: Unit load is
∆ICC limit specified in DC Electrical Specifications
Table, e.g., 2.4mA max at 25oC.
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
S0, S1, to Y
tPLH, tPHL
1.5
-
-
227
-
-
250
ns
3.3
(Note 9)
7.2
-25
7
-28
ns
5
(Note 10)
5.2
-
18.2
5
-
20
ns
Propagation Delay,
nI to Y
tPLH, tPHL
1.5
-
-
151
-
-
166
ns
3.3
4.8
-
16.9
4.7
-
18.6
ns
5
3.4
-
12.1
3.3
-
13.3
ns
Propagation Delay,
Output Enable,
Output Disable to Y
tPLZ, tPHZ,
tPZL, tPZH
1.5
-
-
131
-
-
144
ns
3.3
4.5
-
15.7
4.3
-
17.3
ns
5
3
-
10.5
2.9
-
11.5
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
107
-
-
107
-
pF
ACT TYPES
Propagation Delay,
S0, S1, to Y
tPLH, tPHL
5
(Note 10)
5.7
-
20
5.5
-
22
ns
Propagation Delay,
nI to Y
tPLH, tPHL
5
4.6
-
16.4
4.5
-
18
ns
Propagation Delay,
Output Enable,
Output Disable to Y
tPLZ, tPHZ,
tPZL, tPZH
5
3.2
-
11.5
3.2
-
12.6
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
107
-
-
107
-
pF
NOTES:
8. Limits tested 100%.
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per multiplexer.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD74AC253, CD54/74ACT253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com