Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5152L Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N5152L
Description  Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5152L Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N5152L Datasheet HTML 1Page - Semicoa Semiconductor 2N5152L Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. D
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 1 of 2
www.SEMICOA.com
2N5152L
Silicon PNP Transistor
Data Sheet
Description
Semicoa Semiconductors offers:
• Screening and processing per MIL-PRF-19500 Appendix E
• JAN level (2N5152LJ)
• JANTX level (2N5152LJX),
• JANTXV level (2N5152LJV)
• JANS level (2N5152LJS)
• QCI to the applicable level
• 100% die visual inspection per MIL-STD-750 method
2072 for JANTXV and JANS
• Radiation testing (total dose) upon request
Please contact Semicoa for special configurations
www.SEMICOA.com or (714) 979-1900
Applications
• High-speed power switching
• Low power
• PNP silicon transistor
Features
• Hermetically sealed TO-5 metal can
• Also available in chip configuration
• Chip geometry 9701
• Reference document:
MIL-PRF-19500/544
Benefits
• Qualification Levels: JAN, JANTX,
JANTXV and JANS
• Radiation testing available
Absolute Maximum Ratings
TC = 25°C unless otherwise specified
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
Volts
Collector-Base Voltage
VCBO
100
Volts
Emitter-Base Voltage
VEBO
5.5
Volts
Collector Current, Continuous
IC
2
A
Power Dissipation, TA = 25
OC
Derate linearly above 25OC
PT
1
5.7
W
mW/
°C
Power Dissipation, TC = 25
OC
Derate linearly above 25OC
PT
11.8
66.7
W
mW/
°C
Thermal Resistance
RθJA
RθJC
175
15
°C/W
Operating Junction Temperature
Storage Temperature
TJ
TSTG
-65 to + 200
°C


Similar Part No. - 2N5152L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5152L SEMICOA-2N5152L Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
2N5152L SEMICOA-2N5152L Datasheet
59Kb / 2P
Type 2N5152L Geometry 9201 Polarity NPN
logo
Microsemi Corporation
2N5152L MICROSEMI-2N5152L Datasheet
68Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N5152L MA-COM-2N5152L Datasheet
571Kb / 4P
NPN Power Silicon Transistor
More results

Similar Description - 2N5152L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com