| Electronic Components Datasheet Search |
|
TLE2062MFKB Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2062MFKB Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 78 page ![]() TLE206x, TLE206xA, TLE206xB EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE µPOWER OPERATIONAL AMPLIFIERS SLOS193B − FEBRUARY 1997 − REVISED MAY 2004 41 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2064M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) continued) PARAMETER TEST CONDITIONS TA† TLE2064M TLE2064AM TLE2064BM UNIT A MIN TYP MAX VO = 0 to 2 V, RL = 100 Ω 25 °C 0.75 45 A VD Large-signal differential voltage D and N VO = 0 to 2 V, RL = 100 Ω Full range 0.25 V/mV A VD Large-signal differential voltage amplification D and N packages VO = 0 to − 2 V, RL = 100 Ω 25 °C 0.4 3 V/mV amplification packages VO = 0 to − 2 V, RL = 100 Ω Full range 0.15 ri Input resistance 25 °C 1012 Ω ci Input capacitance 25 °C 4 pF zo Open-loop output impedance IO = 0 25 °C 560 Ω CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω 25 °C 65 82 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 60 dB kSVR Supply-voltage rejection ratio ( ∆VCC /∆VIO) VCC± = ±5 V to ±15 V, 25 °C 75 93 dB kSVR Supply-voltage rejection ratio ( ∆VCC± /∆VIO) VCC± = ±5 V to ±15 V, RS = 50 Ω Full range 65 dB ICC Supply current (four amplifiers) 25 °C 1.12 1.3 mA ICC Supply current (four amplifiers) VO = 0, No load Full range 1.3 mA ∆ICC Supply-current change over operating temperature range (four amplifiers) VO = 0, No load Full range 144 µA VO1/VO2 Crosstalk attenuation AVD = 1000, f = 1 kHz 25 °C 120 dB † Full range is − 55°C to 125°C. TLE2064M operating characteristics, VCC± = ±5 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2064M TLE2064AM TLE2064BM UNIT MIN TYP MAX SR Slew rate at unity gain (see Figure 1) RL = 10 kΩ, CL = 100 pF 3.4 V/ µs Vn Equivalent input noise voltage (see Figure 2) f = 10 Hz, RS = 20 Ω 59 nV/ √Hz Vn Equivalent input noise voltage (see Figure 2) f = 1 kHz , RS = 20 Ω 43 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 1.1 µV In Equivalent input noise current f = 1 kHz 1 fA/ √Hz THD Total harmonic distortion A VD = 2, f = 10 kHz, 0.025% THD Total harmonic distortion A VD = 2, VO(PP) = 2 V, f = 10 kHz, RL = 10 kΩ 0.025% B1 Unity-gain bandwidth (see Figure 3) RL = 10 kΩ, CL = 100 pF 1.8 MHz B1 Unity-gain bandwidth (see Figure 3) RL = 600 Ω, CL = 100 pF 1.3 MHz ts Settling time ε = 0.1% 5 s ts Settling time ε = 0.01% 10 µs BOM Maximum output-swing bandwidth A VD = 1, RL = 10 kΩ 140 kHz φm Phase margin at unity gain (see Figure 3) RL = 10 kΩ, CL = 100 pF 58 ° φm Phase margin at unity gain (see Figure 3) RL = 600 Ω, CL = 100 pF 75 ° |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |