Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4261 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N4261
Description  Silicon PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4261 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N4261 Datasheet HTML 1Page - Semicoa Semiconductor 2N4261 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4261
Silicon PNP Transistor
Dat a Sheet
Copyright
© 2005
SEMICOA
Rev. E
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
15
Volts
Collector-Base Cutoff Current
ICBO
VCB = 15 Volts
10
µA
Collector-Emitter Cutoff Current
ICEX1
ICEX2
ICEX3
VCE = 10Volts, VBE = 0.4Volts
VCE = 10 Volts, VBE = 2 Volts
VCE = 10 Volts, VBE = 2 Volts,
TA = 150°C
50
5
5
nA
nA
µA
Emitter-Base Cutoff Current
IEBX
VBE = 2 Volts, VCE = 10 Volts
5
nA
Emitter-Base Cutoff Current
IEBO
VEB = 4.5 Volts
10
µA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
IC = 1 mA, VCE = 1 Volts
IC = 10 mA, VCE = 1 Volts
IC = 30 mA, VCE = 1 Volts
IC = 10 mA, VCE = 1 Volts
TA = -55°C
25
30
20
15
150
Base-Emitter Voltage
VBE1
VBE2
VCE = 1 Volts, IC = 1 mA
VCE = 1 Volts, IC = 10 mA
0.8
1.0
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 1 mA, IB = 0.1 mA
IC = 10 mA, IB = 1 mA
0.15
0.35
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE1|
|hFE2|
f = 100 MHz
VCE = 4 Volts, IC = 5 mA
VCE = 10 Volts, IC = 10 mA
15
20
Open Circuit Output Capacitance
COBO
VCB = 4 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
2.5
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
2.5
pF
Collector Base time constant
rb’CC1
rb’CC2
VCE = 4 Volts, f = 31.8 MHz
IC = 5 mA
IC = 10 mA
60
50
ps
Switching Characteristics
Saturated Turn-On Time
tON
VCC = 17 Volts, IC = 10 mA
2.5
ns
Saturated Turn-Off Time
tOFF
VCC = 17 Volts, IC = 10 mA
3.5
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com