Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2064BCN Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2064BCN
Description  EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2064BCN Datasheet(HTML) 1 Page - Texas Instruments

  TLE2064BCN Datasheet HTML 1Page - Texas Instruments TLE2064BCN Datasheet HTML 2Page - Texas Instruments TLE2064BCN Datasheet HTML 3Page - Texas Instruments TLE2064BCN Datasheet HTML 4Page - Texas Instruments TLE2064BCN Datasheet HTML 5Page - Texas Instruments TLE2064BCN Datasheet HTML 6Page - Texas Instruments TLE2064BCN Datasheet HTML 7Page - Texas Instruments TLE2064BCN Datasheet HTML 8Page - Texas Instruments TLE2064BCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
TLE206x, TLE206xA, TLE206xB
EXCALIBUR JFET INPUT HIGHOUTPUT DRIVE
µPOWER OPERATIONAL AMPLIFIERS
SLOS193B − FEBRUARY 1997 − REVISED MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 2× Bandwidth (2 MHz) of the TL06x and
TL03x Operational Amplifiers
D Low Supply Current ... 290 µA/Ch Typ
D On-chip Offset Voltage Trimming for
Improved DC Performance
D High Output Drive, Specified into 100-Ω
Loads
D Lower Noise Floor Than Earlier
Generations of Low-Power BiFETs
description
The TLE206x series of low-power JFET-input operational amplifiers doubles the bandwidth of the earlier
generation TL06x and TL03x BiFET families without significantly increasing power consumption. Texas
Instruments Excalibur process also delivers a lower noise floor than the TL06x and TL03x. On-chip zener
trimming of offset voltage yields precision grades for dc-coupled applications. The TL206x devices are
pin-compatible with other Texas Instruments BiFETs; they can be used to double the bandwidth of TL06x and
TL03x circuits or to reduce power consumption of TL05x, TL07x, and TL08x circuits by nearly 90%.
BiFET operational amplifiers offer the inherently-higher input impedance of the JFET-input transistors, without
sacrificing the output drive associated with bipolar amplifiers. This makes them better suited for interfacing with
high-impedance sensors or low-level ac signals. They also feature inherently better ac response than bipolar
or CMOS devices having comparable power consumption. The TLE206x family features a high-output-drive
circuit capable of driving 100-
Ω loads at supplies as low as ±5 V. This makes them uniquely suited for driving
transformer loads in modems and other applications requiring good ac characteristics, low power, and high
output drive.
Because BiFET operational amplifiers are designed for use with dual power supplies, care must be taken to
observe common-mode input voltage limits and output swing when operating from a single supply. DC biasing
of the input signal is required and loads should be terminated to a virtual ground node at mid-supply. Texas
Instruments TLE2426 integrated virtual ground generator is useful when operating BiFET amplifiers from single
supplies.
The TLE206x are fully specified at
±15 V and ±5 V. For operation in low-voltage and/or single-supply systems,
Texas Instruments LinCMOS families of operational amplifiers (TLC- and TLV-prefixes) are recommended.
When moving from BiFET to CMOS amplifiers, particular attention should be paid to slew rate and bandwidth
requirements and output loading. The Texas Instruments TLV2432 and TLV2442 CMOS operational amplifiers
are excellent choices to consider.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLE2064BCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2064BCN TI-TLE2064BCN Datasheet
1Mb / 75P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
TLE2064BCN TI-TLE2064BCN Datasheet
956Kb / 63P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE2064BCN TI-TLE2064BCN Datasheet
1Mb / 78P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2064BCN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE206X TI-TLE206X Datasheet
1Mb / 75P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
TLE208X TI-TLE208X Datasheet
1Mb / 69P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE2161 TI-TLE2161 Datasheet
479Kb / 29P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE mPOWER OPERATIONAL AMPLIFIERS
TLE206XA TI-TLE206XA Datasheet
956Kb / 63P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE206X TI-TLE206X_08 Datasheet
1Mb / 78P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE uPOWER OPERATIONAL AMPLIFIERS
TLE2082ACDRG4 TI-TLE2082ACDRG4 Datasheet
1Mb / 79P
EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
TLE206X TI1-TLE206X_13 Datasheet
2Mb / 83P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFERS
TLE206X TI1-TLE206X_16 Datasheet
2Mb / 82P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
TLE2161 TI1-TLE2161_16 Datasheet
1Mb / 34P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
TLE206X TI1-TLE206X_17 Datasheet
2Mb / 81P
EXCALIBUR JFET-INPUT HIGH-OUTPUT-DRIVE POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com