Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS393 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS393
Description  Dual 4-Bit Binary Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS393 Datasheet(HTML) 1 Page - SYC Electronica

  74LS393 Datasheet HTML 1Page - SYC Electronica 74LS393 Datasheet HTML 2Page - SYC Electronica 74LS393 Datasheet HTML 3Page - SYC Electronica 74LS393 Datasheet HTML 4Page - SYC Electronica 74LS393 Datasheet HTML 5Page - SYC Electronica 74LS393 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LS393
Dual 4-Bit Binary Counter
General Description
Each of these monolithic circuits contains eight master-
slave flip-flops and additional gating to implement two indi-
vidual
four-bit
counters
in
a
single
package.
The
DM74LS393 comprises two independent four-bit binary
counters each having a clear and a clock input. N-bit binary
counters can be implemented with each package providing
the capability of divide-by-256. The DM74LS393 has paral-
lel outputs from each counter stage so that any submultiple
of the input count frequency is available for system-timing
signals.
Features
s Dual version of the popular DM74LS93
s DM74LS393 dual 4-bit binary counter with individual
clocks
s Direct clear for each 4-bit counter
s Dual 4-bit versions can significantly improve system
densities by reducing counter package count by 50%
s Typical maximum count frequency 35 MHz
s Buffered outputs reduce possibility of collector commu-
tation
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Counter Sequence (Each Counter)
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
DM74LS393M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow
DM74LS373N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Count
Outputs
QD
QC
QB
QA
0
LLLL
1
LLL
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7
L
HHH
8
H
LLL
9H
L
L
H
10
HL
HL
11
H
L
H
H
12
H
H
L
L
13
H
H
L
H
14
HHH
L
15
HHHH
www.sycelectronica.com.ar


Similar Part No. - 74LS393

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS393 MOTOROLA-74LS393 Datasheet
193Kb / 7P
DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
logo
Texas Instruments
74LS393 TI-74LS393 Datasheet
893Kb / 21P
DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Fairchild Semiconductor
74LS393 FAIRCHILD-74LS393 Datasheet
56Kb / 6P
Dual 4-Bit Binary Counter
logo
Hitachi Semiconductor
74LS393 HITACHI-74LS393 Datasheet
60Kb / 6P
DUAL 4-BIT BINARY COUNTERS
More results

Similar Description - 74LS393

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
Dual 4-Bit Binary Counter
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393 Datasheet
84Kb / 7P
Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
Dual 4-Bit Binary Counter
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
DUAL 4 BIT BINARY COUNTER
Jul-2001
logo
Texas Instruments
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
DUAL 4-BIT BINARY COUNTER
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
DUAL 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com