Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3501UT Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3501UT
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501UT Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3501UT Datasheet HTML 6Page - Maxim Integrated Products DS3501UT Datasheet HTML 7Page - Maxim Integrated Products DS3501UT Datasheet HTML 8Page - Maxim Integrated Products DS3501UT Datasheet HTML 9Page - Maxim Integrated Products DS3501UT Datasheet HTML 10Page - Maxim Integrated Products DS3501UT Datasheet HTML 11Page - Maxim Integrated Products DS3501UT Datasheet HTML 12Page - Maxim Integrated Products DS3501UT Datasheet HTML 13Page - Maxim Integrated Products DS3501UT Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
____________________________________________________________________
11
Slave devices: Slave devices send and receive data at
the master’s request.
Bus idle or not busy: Time between STOP and START
conditions when both SDA and SCL are inactive and in
their logic-high states.
START condition: A START condition is generated by
the master to initiate a new data transfer with a slave.
Transitioning SDA from high to low while SCL remains
high generates a START condition.
STOP condition: A STOP condition is generated by the
master to end a data transfer with a slave. Transitioning
SDA from low to high while SCL remains high generates
a STOP condition.
Repeated START condition: The master can use a
repeated START condition at the end of one data transfer
to indicate that it will immediately initiate a new data
transfer following the current one. Repeated starts are
commonly used during read operations to identify a spe-
cific memory address to begin a data transfer. A repeat-
ed START condition is issued identically to a normal
START condition.
Bit write: Transitions of SDA must occur during the low
state of SCL. The data on SDA must remain valid and
unchanged during the entire high pulse of SCL plus the
setup and hold time requirements. Data is shifted into the
device during the rising edge of the SCL.
Bit read: At the end of a write operation, the master
must release the SDA bus line for the proper amount of
setup time before the next rising edge of SCL during a
bit read. The device shifts out each bit of data on SDA
at the falling edge of the previous SCL pulse and the
data bit is valid at the rising edge of the current SCL
pulse. Remember that the master generates all SCL
clock pulses, including when it is reading bits from the
slave.
Acknowledge (ACK and NACK): An Acknowledge
(ACK) or Not Acknowledge (NACK) is always the 9th bit
transmitted during a byte transfer. The device receiving
data (the master during a read or the slave during a
write operation) performs an ACK by transmitting a 0
during the 9th bit. A device performs a NACK by trans-
mitting a 1 during the 9th bit. Timing for the ACK and
NACK is identical to all other bit writes. An ACK is the
acknowledgment that the device is properly receiving
data. A NACK is used to terminate a read sequence or
indicates that the device is not receiving data.
Byte write: A byte write consists of 8 bits of information
transferred from the master to the slave (most signifi-
cant bit first) plus a 1-bit acknowledgment from the
slave to the master. The 8 bits transmitted by the mas-
ter are done according to the bit write definition and the
acknowledgment is read using the bit read definition.
Byte read: A byte read is an 8-bit information transfer
from the slave to the master plus a 1-bit ACK or NACK
from the master to the slave. The 8 bits of information
that are transferred (most significant bit first) from the
slave to the master are read by the master using the bit
read definition above, and the master transmits an ACK
using the bit write definition to receive additional data
bytes. The master must NACK the last byte read to ter-
SDA
SCL
tHD:STA
tLOW
tHIGH
tR
tF
tBUF
tHD:DAT
tSU:DAT
REPEATED
START
tSU:STA
tHD:STA
tSU:STO
tSP
STOP
NOTE: TIMING IS REFERENCE TO VIL(MAX) AND VIH(MIN).
START
Figure 3. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com