Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2SAF0416 Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # A2SAF0416
Description  A2 Pressure Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

A2SAF0416 Datasheet(HTML) 3 Page - Ashcroft, Inc.

  A2SAF0416 Datasheet HTML 1Page - Ashcroft, Inc. A2SAF0416 Datasheet HTML 2Page - Ashcroft, Inc. A2SAF0416 Datasheet HTML 3Page - Ashcroft, Inc. A2SAF0416 Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, Aminco®, Bendix® , Hirschmann®, VCR®, Tri-Clamp®.
For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. a2_transducer_ds_RevH_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
of 4
3
A2 Pressure Transmitter
ORDERING CODE
Example:
A2
S
A
M01
05
F2
50#
G
–X6B
Model
A2 - Industrial pressure transmitter
A2
Enclosure
S - Basic
S
Z - Zero and span access
Y - Welded with zero & span access
W - Welded w/out zero & span access
Accuracy/Temp. Effects
A - 0.25%/≤1.0% (-20 °C to 85 °C)
A
B - 0.50%/≤2.0% (-20 °C to 85 °C)
C - 1.0%/≤2.0% (-20 °C to 85 °C)
Pressure Connection
F01 - 1⁄8 NPT Female
F02 - 1/4 NPT Female
F04 - 1/2 NPT Female
F09 - 9⁄16-18 (1/4)-Female (Aminco®)
FRW - 7⁄16-20 SAE-Female
MEK - 7⁄16-20 SAE-Male
MG2 - G1/4 Male
MG4 - G1/2 Male
M01 - 1⁄8 NPT Male
M01
M02 - 1/4 NPT Male
M04 - 1/2 NPT Male
VM2 - VCR® process connection 1/4˝ VCR® gland w/ 9⁄16-18 Male nut
VF2 - VCR® process connection 1/4˝ VCR® gland w/ 9⁄16-18 Female nut
S15 - Sanitary seal 11/2˝ Tri-Clamp®
S20 - Sanitary seal 2˝ Tri-Clamp®
Output Signal
05 - 0-5 Vdc
05
10 - 0-10 Vdc
15 - 1-5 Vdc
16 - 1-6 Vdc
42 - 4-20 mA
Electrical Termination
Integral Cable (Pigtail)
F2 - 3´ shielded cable (available with enclosure code or S, Z)
F2
P1 - Specify length (available with enclosure code or S, Z)
Hirschmann® Style Form A DIN 43650-A
DN - W/o mating conn. (available with enclosure code or S, Z)
D0 - With mating conn., no cable (available with enclosure code or S, Z)
D2 - With mating conn., 3´ cable (available with enclosure code or S, Z)
D1 - With mating conn., specify length (available with enclosure code or S, Z)
4-Pin Bendix® Style
B4 - W/o mating conn. (available with enclosure code or S, Z, W, Y)
H1 - With mating conn., no cable (available with enclosure code or S, Z, W, Y)
L1 - With mating conn., 3´ cable (available with enclosure code or S, Z, W, Y)
P2 - With mating conn., specify length (available with enclosure code or S, Z, W, Y)
1/2 NPT-M Conduit Shielded Cable (NEMA Rating not valid for ranges ≤300 psi)
C1 - 3´ Shielded cable (available with enclosure code W, Y)
C6 - 15´ Shielded cable (available with enclosure code W, Y)
C7 - 30´ Shielded cable (available with enclosure code W, Y)
P7 - Shielded cable specify length (available with enclosure code W, Y)
1/2 NPT-M Conduit Flying Leads (NEMA Rating not valid for ranges ≤300 psi)
C2 - 3´ Flying leads (available with enclosure code W, Y)
C5 - 10´ Flying leads (available with enclosure code W, Y)
M12 Threaded
EW - W/o mating conn. (available with enclosure code or S, Z)
E0 - With mating conn. no cable (available with enclosure code or S, Z)
E2 - With mating conn. 3´ cable (available with enclosure code or S, Z)
E1 - With mating conn., specify length (available with enclosure code or S, Z)
Pressure Range (see range table on page 4)
50# - 50 psi
50#
Measurement Type
G - Gauge pressure
G
A - Absolute pressure (Not available with X6B option)
Option (if including an option(s) must include an “X’’)
X _ _
CL - Non-standard calibration
K8 - 17-4PH® Stainless steel sensor material
6B - Cleaned for oxygen service (Not available with absolute ranges)
6B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com