Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4635 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AKD4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4635 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AKD4635 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4635 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 4 -
■ Compatibility with AK4633
1. Function
Function
AK4633
AK4635
MIC-Amp
0dB/+6dB/+10dB/+14dB
+17dB/+20dB/+26dB/+32dB
0dB/+3dB/+6dB/+10dB/+17dB/
+20dB/+23dB/+26dB/+29dB/
+32dB
Single End of Analog Input
1ch (MIC pin)
2ch (MIC pin / LIN pin)
LPF
Not Available
Available
Notch Filter ( Equalizer)
2 band
5 band
SPK-Amp
Class-AB
Class-D
ALC Recovery Waiting Period
4 steps
(128fs ~ 1024fs)
8 steps
(128fs ~ 16384fs)
Master Clock Mode
PLL Mode Frequency
11.2896MHz, 12MHz,
12.288MHz, 13.5MHz
24MHz, 27MHz
12MHz, 13.5MHz, 24MHz,
27MHz
BEEP Output
Analog Input
Generator circuit Included
Control Interface
3-wire
3-wire, I2C
Video-Amp
Not Available
Available
Package
24pin QFN: 4.0mm x 4.0mm
29pin WL-CSP : 2.5mm x 3.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com