Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1210DI Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH1210DI
Description  Ultrafast recovery - high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1210DI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STTH1210DI Datasheet HTML 3Page - STMicroelectronics STTH1210DI Datasheet HTML 4Page - STMicroelectronics STTH1210DI Datasheet HTML 5Page - STMicroelectronics STTH1210DI Datasheet HTML 6Page - STMicroelectronics STTH1210DI Datasheet HTML 7Page - STMicroelectronics STTH1210DI Datasheet HTML 8Page - STMicroelectronics STTH1210DI Datasheet HTML 9Page - STMicroelectronics STTH1210DI Datasheet HTML 10Page - STMicroelectronics STTH1210DI Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
STTH1210
8/11
Table 7.
T0-220FPAC dimensions
REF
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.018
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16 Typ.
0.63 Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9.00
9.30
0.354
0.366
Dia.
3.00
3.20
0.118
0.126
H
A
B
Dia
L7
L6
L5
F1
F
D
E
L4
G1
G
L2
L3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com