Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B3F
Description  Mechanical Key Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 1 Page - Omron Electronics LLC

  B3F Datasheet HTML 1Page - Omron Electronics LLC B3F Datasheet HTML 2Page - Omron Electronics LLC B3F Datasheet HTML 3Page - Omron Electronics LLC B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mechanical Key Switch
B3F
A Wide Range of Models: 6 x 6 mm, 12 x
12 mm, Vertical and High-force.
Excellent tactile feel combined with high life
expectancy.
Available in stick packaging for automatic
mounting to PCBs.
Up to 2.55 N (260-gf) operating force for a firmer
operating touch.
Pushbuttons available in nine colors.
Ordering Information
6 x 6 mm Models
Type
Plunger
Height x pitch
Operating
Without ground terminal
With ground terminal
force (OF)
Bags *
Sticks (90/stick)
Bags *
Sticks (75/stick)
Standard
Flat
4.3 x 6.5 mm
0.98 N (100 gf)
B3F-1000
B3F-1000S
B3F-1100
B3F-1100S
(B3F-1
jjj)
1.47 N (150 gf)
B3F-1002
B3F-1002S
B3F-1102
B3F-1102S
2.55 N (260 gf)
B3F-1005
B3F-1005S
B3F-1105
B3F-1105S
5.0 x 6.5 mm
0.98 N (100 gf)
B3F-1020
B3F-1020S
B3F-1120
B3F-1120S
1.47 N (150 gf)
B3F-1022
B3F-1022S
B3F-1122
B3F-1122S
2.55 N (260 gf)
B3F-1025
B3F-1025S
B3F-1125
B3F-1125S
5.0 x 7.5 mm
0.98 N (100 gf)
---
---
B3F-1110
---
Projected
7.3 x 6.5 mm
0.98 N (100 gf)
B3F-1050
B3F-1050S
B3F-1150
B3F-1150S
1.47 N (150 gf)
B3F-1052
B3F-1052S
B3F-1152
B3F-1152S
2.55 N (260 gf)
B3F-1055
B3F-1055S
B3F-1155
B3F-1155S
Extended
9.5 x 6.5 mm
0.98 N (100 gf)
B3F–1070
---
---
---
Vertical
Flat
3.15 mm
0.98 N (100 gf)
---
---
B3F-3100
---
(B3F-3
jjj)
1.47 N (150 gf)
---
---
B3F-3102
---
2.55 N (260 gf)
---
---
B3F-3105
---
3.85 mm
0.98 N (100 gf)
---
---
B3F-3120
---
1.47 N (150 gf)
---
---
B3F-3122
---
2.55 N (260 gf)
---
---
B3F-3125
---
Projected
6.15 mm
0.98 N (100 gf)
---
---
B3F-3150
---
1.47 N (150 gf)
---
---
B3F-3152
---
2.55 N (260 gf)
---
---
B3F-3155
---
* (100 / bag)
Plunger type
Flat
Projected
Extended
Flat (vertical)
Projected (vertical)
Appearance
4.3 or
7.3
9.5
3.15 or 3.85
6.15
Back


Similar Part No. - B3F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
1Mb / 12P
Tactile Switch
B3F OMRON-B3F Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1Mb / 12P
Tactile Switch
B3F-1000 OMRON-B3F-1000 Datasheet
1,008Kb / 9P
Tactile Switch
More results

Similar Description - B3F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
Mechanical Key Switch
logo
Omron Electronics LLC
B3S-1000 OMRON-B3S-1000 Datasheet
49Kb / 5P
Mechanical Key Switch (SMD)
logo
ITT Industries
K5A22N ITT-K5A22N Datasheet
186Kb / 2P
Snap Action Key Switch Switch
logo
JDS Uniphase Corporatio...
MOM-0011L110 JDSU-MOM-0011L110 Datasheet
204Kb / 4P
Miniature Opto-Mechanical Switch
logo
Omron Electronics LLC
B3J OMRON-B3J Datasheet
140Kb / 4P
Mechanical Key Switch(Hinged)
logo
C&K Components
K5A2 CK-COMPONENTS-K5A2 Datasheet
155Kb / 2P
Snap Action Key Switch Switch
K5G CK-COMPONENTS-K5G Datasheet
144Kb / 2P
Snap Action Key Switch
logo
Honeywell Accelerometer...
2TP8-8 HONEYWELL-ACC-2TP8-8 Datasheet
51Kb / 1P
SWITCH - TOGGLE FLUSH KEY
logo
Bourns Electronic Solut...
7914S BOURNS-7914S Datasheet
26Kb / 1P
Key Switch (Side Actuated)
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
Safety Key Interlock Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com