Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4522EEE
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4522EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Quad, Low-Voltage, SPST Analog Switches
10
______________________________________________________________________________________
Figure 5. Crosstalk
IN
0 or
2.4V
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NC
or NO
RL
GND
COM
10nF
V-
V-
V+
MAX4521
MAX4522
MAX4523
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
N02
RL
GND
COM1
10nF
V-
V-
0 or 2.4V
IN1
N01
50
Ω
COM2
IN2
0 or 2.4V
NC
V+
MAX4521
MAX4522
MAX4523
Figure 4. Off-Isolation
Test Circuits/Timing Diagrams (continued)
CAPACITANCE
METER
NC
or NO
COM
GND
10nF
V-
V-
IN
0 or
2.4V
10nF
V+
f = 1MHz
V+
MAX4521
MAX4522
MAX4523
Figure 7. Channel On-Capacitance
CAPACITANCE
METER
NC
or NO
COM
GND
10nF
V-
V-
IN
0 or
2.4V
10nF
V+
f = 1MHz
V+
MAX4521
MAX4522
MAX4523
Figure 6. Channel Off-Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com