Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4511BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4511BEY
Description  BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4511BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4511BEY Datasheet HTML 1Page - STMicroelectronics HCF4511BEY Datasheet HTML 2Page - STMicroelectronics HCF4511BEY Datasheet HTML 3Page - STMicroelectronics HCF4511BEY Datasheet HTML 4Page - STMicroelectronics HCF4511BEY Datasheet HTML 5Page - STMicroelectronics HCF4511BEY Datasheet HTML 6Page - STMicroelectronics HCF4511BEY Datasheet HTML 7Page - STMicroelectronics HCF4511BEY Datasheet HTML 8Page - STMicroelectronics HCF4511BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
October 2002
s
HIGH OUTPUT SOURCING CAPABILITY (up
to 25mA).
s
INPUT LATCHES FOR BCD CODE
STORAGE
s
LAMP TEST AND BLANKING CAPABILITY.
s
7-SEGMENT OUTPUTS BLANKED FOR BCD
INPUT CODES > 1001
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V, AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B "STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
HCF4511B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
HCF4511B is a BCD to 7 segment decoder driver
made up of CMOS logic and n-p-n bipolar
transistor output devices on a single monolithic
structure. This device combines the low quiescent
power
dissipation
and
high
noise
immunity
features of CMOS with n-p-n bipolar output
transistor capable of sourcing up to 25mA. This
capability allows HCF4511B to drive LEDs and
other displays directly.
Lamp Test (LT), Blanking (BL), and Latch Enable
or Strobe inputs are provided to test the display,
shut off or intensity-modulate it, and store or
strobe a BCD code, respectively. Several different
signals may be multiplexed and displayed when
external multiplexing circuitry is used.
HCF4511B
BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4511BEY
SOP
HCF4511BM1
HCF4511M013TR
DIP
SOP


Similar Part No. - HCF4511BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4511BEY STMICROELECTRONICS-HCF4511BEY Datasheet
329Kb / 16P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
Nov-1996
More results

Similar Description - HCF4511BEY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com