Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BE2M1 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7263BE2M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE2M1 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7263BE2M1 Datasheet HTML 96Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 97Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 98Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 99Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 100Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 101Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 102Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 103Page - STMicroelectronics ST7263BE2M1 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
100/145
8-bit A/D converter (ADC) (Cont’d)
12.6.6 Register description
Control/Status Register (CSR)
Read/Write
Reset value: 0000 0000 (00h)
Bit 7 = COCO Conversion Complete
This bit is set by hardware. It is cleared by soft-
ware reading the result in the DR register or writing
to the CSR register.
0: Conversion is not complete
1: Conversion can be read from the DR register
Bit 6 = Reserved. must always be cleared.
Bit 5 = ADON A/D Converter On
This bit is set and cleared by software.
0: A/D converter is switched off
1: A/D converter is switched on
Bit 4 = Reserved. must always be cleared.
Bits 3:0 = CH[3:0] Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
1 The number of pins AND the channel selection
varies according to the device. Refer to the device
pinout.
2 For SDIP/SO34 devices, the CH3 bit is always at
‘0’. If, however, set to ‘1’ on error, channel (11:8)
becomes enabled which may result in a higher and
unnecessary level of consumption.
Data Register (DR)
Read Only
Reset value: 0000 0000 (00h)
Bits 7:0 = D[7:0] Analog Converted value
This register contains the converted analog value
in the range 00h to FFh.
Note: Reading this register reset the COCO flag.
70
COCO
0
ADON
0
CH3
CH2
CH1
CH0
Channel Pin1
CH32
CH2
CH1
CH0
AIN0
0
000
AIN1
0
001
AIN2
0
010
AIN3
0
011
AIN4
0
100
AIN5
0
101
AIN6
0
110
AIN7
0
111
AIN8
1
000
AIN9
1
001
AIN10
1
010
AIN11
1
011
70
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com